Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF753 Datasheet (PDF) - YAMAHA CORPORATION

YMF753 Datasheet PDF - YAMAHA CORPORATION
Part # YMF753
Download  YMF753 Download
File Size   185.03 Kbytes
Page   26 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description AC97 Revision2.2 Audio CODEC with Digital Audio I/F

YMF753 Datasheet (PDF)

Go To PDF Page Download Datasheet
YMF753 Datasheet PDF - YAMAHA CORPORATION

Part # YMF753
Download  YMF753 Click to download

File Size   185.03 Kbytes
Page   26 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description AC97 Revision2.2 Audio CODEC with Digital Audio I/F

YMF753 Datasheet (HTML) - YAMAHA CORPORATION


YMF753 Product details

OVERVIEW

YMF753 is an AC’97 Audio CODEC LSI, which is fully compliant with the industry standard “Audio CODEC ’97” component specification (Revision 2.2). Different from former AC’97, YMF753 supports new features like SPDIF OUT and Zoomed Video Port. Without using a digital controller, these new features can be enhanced in the AC’97 sound system that has an ICH controller built-in chipset. Low power consumption is supported not only in the normal mode but can be controlled in the power-down mode.



FEATURES

• AC’97 Revision 2.2 Compliant

• Exceeds PC99 / PC2001 Analog Performance Requirement

  (Mobile PC Audio Performance Compliant when analog low power supply is used.)

• Analog Inputs :

   - 4 Stereo Inputs: LINE, CD, VIDEO, AUX

   - 2 Monaural Inputs: Speakerphone and PC BEEP Inputs

   - 2 Independent Microphone Inputs

• PC BEEP can directly output to Line Out

• Internal +20dB amplifier circuitry for microphone

• Analog Outputs : Stereo LINE Output, True LINE Level and Monaural Output

• Supports Zoomed Video Port

• Supports Consumer IEC958 Output Port (SPDIF OUT)

• SPDIF Output for AC’97 Revision 1.0 Compliant

• Different audio data from AC-Link can be output to SPDIF and Line Out

• Supports 3D Enhancement (Wide Stereo), and Bass / Treble control

• Multiple CODEC Capability

• Programmable Power Down Mode

• Supports EAPD (External Amplifier Power Down)

• Power Supplies : Analog 4.3V to 5.0V, Digital 3.3V or 5.0V

• 48-Pin SQFP Package (YMF753-S)



 




Similar Part No. - YMF753

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
YMF752-S YAMAHA-YMF752-S Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
YMF754 YAMAHA-YMF754 Datasheet
305Kb / 60P
DS-1E
YMF754-R YAMAHA-YMF754-R Datasheet
305Kb / 60P
DS-1E
YMF754-V YAMAHA-YMF754-V Datasheet
305Kb / 60P
DS-1E
More results


Similar Description - YMF753

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
AC97 Revision 2.1 Audio Codec
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
AC97 AUDIO CODEC WITH SRC AND DIT
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
logo
Asahi Kasei Microsystem...
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
USB I/F Audio CODEC
logo
YAMAHA CORPORATION
YMF743 YAMAHA-YMF743 Datasheet
170Kb / 24P
AC??7 Revsion2.1 Audio CODEC with Digital Audio I/F
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com