Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7475 Datasheet (PDF) - Analog Devices

AD7475 Datasheet PDF - Analog Devices
Part # AD7475
Download  AD7475 Download
File Size   218.41 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, 12-Bit ADCs

AD7475 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7475 Datasheet PDF - Analog Devices

Part # AD7475
Download  AD7475 Click to download

File Size   218.41 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, 12-Bit ADCs

AD7475 Datasheet (HTML) - Analog Devices


AD7475 Product details

GENERAL DESCRIPTION

The AD7475/AD7495 are 12-bit high-speed, low-power, successive-approximation ADCs. The parts operate from a single 2.7 V to 5.25 V power supply and feature throughput rates up to 1 MSPS. The parts contain a low-noise, wide bandwidth track/hold amplifier that can handle input frequencies in excess of 1 MHz.



FEATURES

Fast Throughput Rate: 1 MSPS

Specified for VDD of 2.7 V to 5.25 V

Low Power:

   4.5 mW Max at 1 MSPS with 3 V Supplies

   10.5 mW Max at 1 MSPS with 5 V Supplies

Wide Input Bandwidth:

   68 dB SNR at 300 kHz Input Frequency

   Flexible Power/Serial Clock Speed Management

No Pipeline Delays

High-Speed Serial Interface SPI™/QSPI™/MICROWIRE™/DSP-Compatible

On-Board Reference 2.5 V (AD7495 Only)

Standby Mode: 1A Max

8-Lead SOIC and SOIC Packages




Similar Part No. - AD7475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475 AD-AD7475 Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
AD7475 AD-AD7475 Datasheet
519Kb / 24P
1 MSPS,12-Bit ADCs
Rev. D
AD7475AR AD-AD7475AR Datasheet
453Kb / 24P
1 MSPS,12-Bit ADCs
REV. B
AD7475AR AD-AD7475AR Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
AD7475AR-REEL AD-AD7475AR-REEL Datasheet
453Kb / 24P
1 MSPS,12-Bit ADCs
REV. B
More results


Similar Description - AD7475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
1 MSPS,12-Bit ADCs
REV. B
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
1 MSPS,12-Bit ADCs
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com