Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7475 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7475
Description  1 MSPS, 12-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475 Datasheet(HTML) 4 Page - Analog Devices

  AD7475 Datasheet HTML 1Page - Analog Devices AD7475 Datasheet HTML 2Page - Analog Devices AD7475 Datasheet HTML 3Page - Analog Devices AD7475 Datasheet HTML 4Page - Analog Devices AD7475 Datasheet HTML 5Page - Analog Devices AD7475 Datasheet HTML 6Page - Analog Devices AD7475 Datasheet HTML 7Page - Analog Devices AD7475 Datasheet HTML 8Page - Analog Devices AD7475 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
–4–
AD7475/AD7495–SPECIFICATIONS1
AD7495–SPECIFICATIONS (continued)
Parameter
A Version
1
B Version
1
Unit
Test Conditions/Comments
CONVERSION RATE
Conversion Time
800
800
ns max
16 SCLK Cycles with SCLK at 20 MHz
Track/Hold Acquisition Time
300
300
ns max
Sine Wave Input
325
325
ns max
Full-Scale Step Input
Throughput Rate
1
1
MSPS max
See Serial Interface Section
POWER REQUIREMENTS
VDD
2.7/5.25
2.7/5.25
V min/max
VDRIVE
2.7/5.25
2.7/5.25
V min/max
IDD
Digital I/Ps = 0 V or VDRIVE
Normal Mode (Static)
1
1
mA typ
VDD = 2.7 V to 5.25 V. SCLK On or Off
Normal Mode (Operational)
2.6
2.6
mA max
VDD = 4.75 V to 5.25 V. fSAMPLE = 1 MSPS
2
2
mA max
VDD = 2.7 V to 3.6 V. fSAMPLE = 1 MSPS
Partial Power-Down Mode
650
650
µA typ
fSAMPLE = 100 kSPS
Partial Power-Down Mode
230
230
µA max
(Static)
Full Power-Down Mode
1
1
µA max
(Static) SCLK On or Off
Power Dissipation
3
Normal Mode (Operational)
13
13
mW max
VDD = 5 V. fSAMPLE = 1 MSPS
6
6
mW max
VDD = 3 V. fSAMPLE = 1 MSPS
Partial Power-Down (Static)
1.15
1.15
mW max
VDD = 5 V
690
690
µW max
VDD = 3 V
Full Power-Down
5
5
µW max
VDD = 5 V
33
µW max
VDD = 3 V
NOTES
1Temperature ranges as follows: A, B Versions: –40 C to +85 C.
2Sample tested @ 25 C to ensure compliance.
3See Power Versus Throughput Rate section.
Specifications subject to change without notice.
TIMING SPECIFICATIONS1
(VDD = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, REF IN = 2.5 V (AD7475); TA = TMIN to TMAX, unless
otherwise noted.)
Limit at TMIN, TMAX
Parameter
AD7475/AD7495
Unit
Description
fSCLK
2
10
kHz min
20
MHz max
tCONVERT
16
× t
SCLK
tSCLK = 1/fSCLK
800
ns max
fSCLK = 20 MHz
tQUIET
100
ns min
Minimum Quiet Time Required between Conversions
t2
10
ns min
CS to SCLK Setup Time
t3
3
22
ns max
Delay from
CS Until SDATA 3-State Disabled
t4
3
40
ns max
Data Access Time after SCLK Falling Edge
t5
0.4 tSCLK
ns min
SCLK Low Pulsewidth
t6
0.4 tSCLK
ns min
SCLK High Pulsewidth
t7
10
ns min
SCLK to Data Valid Hold Time
t8
4
10
ns min
SCLK Falling Edge to SDATA High Impedance
45
ns max
SCLK Falling Edge to SDATA High Impedance
t9
4
20
ns max
CS Rising Edge to SDATA High Impedance
tPOWER-UP
20
µs max
Power-Up Time from Full Power-Down AD7475
650
µs max
Power-Up Time from Full Power-Down AD7495
NOTES
1Sample tested at 25 C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DRIVE) and timed from a voltage level of 1.6 V.
2Mark/Space ratio for the SCLK input is 40/60 to 60/40.
3Measured with the load circuit of Figure 3 and defined as the time required for the output to cross 0.8 V or 2.0 V.
4t
8 and t9 are derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 3. The measured number is then
extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times, t8 and t9, quoted in the timing characteristics are
the true bus relinquish time of the part and are independent of the bus loading.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com