Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7475 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7475
Description  1 MSPS, 12-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7475 Datasheet HTML 8Page - Analog Devices AD7475 Datasheet HTML 9Page - Analog Devices AD7475 Datasheet HTML 10Page - Analog Devices AD7475 Datasheet HTML 11Page - Analog Devices AD7475 Datasheet HTML 12Page - Analog Devices AD7475 Datasheet HTML 13Page - Analog Devices AD7475 Datasheet HTML 14Page - Analog Devices AD7475 Datasheet HTML 15Page - Analog Devices AD7475 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
AD7475/AD7495
–13–
in the desired mode of operation, and thus a dummy cycle is not
required to change mode, then neither is a dummy cycle required
to place the track-and-hold into track. If no current monitoring
facility is available, the relevant dummy cycle(s) should be per-
formed to ensure the part is in the required mode.
POWER VERSUS THROUGHPUT RATE
By using the partial power-down mode on the AD7475/AD7495
when not converting, the average power consumption of the
ADC decreases at lower throughput rates. Figure 18 shows
how, as the throughput rate is reduced, the part remains in its
partial power-down state longer and the average power consump-
tion over time drops accordingly.
THROUGHPUT – kSPS
100
0.001
0
50
100
0.01
0.1
1
10
150
200
250
300
350
AD7495 5V
SCLK = 20MHz
AD7495 3V
SCLK = 20MHz
AD7475 5V
SCLK = 20MHz
AD7475 3V
SCLK = 20MHz
Figure 18. AD7495 Power vs. Throughput for Partial
Power-Down
For example if the AD7495 is operated in a continuous sampling
mode with a throughput rate of 100 kSPS and an SCLK of
20 MHz (VDD = 5 V), and the device is placed in partial power-
down mode between conversions, then the power consumption
is calculated as follows. The maximum power dissipation during
normal operation is 13 mW (VDD = 5 V). If the power-up time
from partial power-down is one dummy cycle, i.e., 1
µs, and the
remaining conversion time is another cycle, i.e., 1
µs, then the
AD7495 can be said to dissipate 13 mW for 2
µs during each
conversion cycle. For the remainder of the conversion cycle,
8
µs, the part remains in partial power-down mode. The AD7495
can be said to dissipate 1.15 mW for the remaining 8
µs of the
conversion cycle. If the throughput rate is 100 kSPS, the cycle
time is 10
µs and the average power dissipated during each cycle
is (2/10)
(13 mW) + (8/10)
(1.15 mW) = 3.52 mW. If VDD
= 3 V, SCLK = 20 MHz and the device is again in partial power-
down mode between conversions, the power dissipated during
normal operation is 6 mW. The AD7495 can be said to dissipate
6 mW for 2
µs during each conversion cycle and 0.69 mW for the
remaining 8
µs where the part is in partial power-down. With a
throughput rate of 100 kSPS, the average power dissipated during
each conversion cycle is (2/10)
(6 mW) + (8/10)
(0.69 mW)
= 1.752 mW. Figure 18 shows the power versus throughput rate
when using the partial power-down mode between conversions
with both 5 V and 3 V supplies for both the AD7475 and AD7495.
For the AD7475, partial power-down current is lower than that
of the AD7495.
Full power-down mode is intended for use in applications with
slower throughput rates than required for the partial power-
down mode. It is necessary to leave 650
µs for the AD7495 to
be fully powered up from full power-down before initiating a
conversion. Current consumptions between conversions is typi-
cally less than 1
µA.
Figure 19 shows a typical graph of current versus throughput for
the AD7495 while operating in different modes. At slower
throughput rates, e.g., 10 SPS to 1 kSPS, the AD7495 was
operated in Full Power-Down mode. As the throughput rate
increased, up to 100 kSPS, the AD7495 was operated in Partial
Power-Down mode, with the part being powered down between
conversions. With throughput rates from 100 kSPS to 1 MSPS,
the part operated in Normal mode, remaining fully powered up
at all times.
THROUGHPUT – SPS
2.0
10
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100
1k
10k
100k
1M
VDD = 5V
FULL
POWER-DOWN
PARTIAL
POWER-DOWN
NORMAL
Figure 19. Typical AD7495 Current vs. Throughput
SERIAL INTERFACE
Figure 20 shows the detailed timing diagram for serial interfacing
to the AD7475/AD7495. The serial clock provides the conversion
clock and also controls the transfer of information from the
AD7475/AD7495 during conversion.
CS initiates the data transfer and conversion process. The falling
edge of
CS puts the track and hold into hold mode, takes the bus
out of three-state, and the analog input is sampled at this point.
SCLK
1
5
13
15
SDATA
FOUR LEADING ZEROS
THREE-STATE
t4
2
34
16
t5
t3
tQUIET
tCONVERT
t2
THREE-STATE
DB11
DB10
DB2
DB0
t6
t7
t8
14
0
0
0
0
B
DB1
CS
Figure 20. Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com