Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9864BCPZ Datasheet (PDF) - Analog Devices

AD9864BCPZ Datasheet PDF - Analog Devices
Part # AD9864BCPZ
Download  AD9864BCPZ Download
File Size   1984.99 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IF Digitizing Subsystem

AD9864BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9864BCPZ Datasheet PDF - Analog Devices

Part # AD9864BCPZ
Download  AD9864BCPZ Click to download

File Size   1984.99 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IF Digitizing Subsystem

AD9864BCPZ Datasheet (HTML) - Analog Devices


AD9864BCPZ Product details

PRODUCT OVERVIEW

The AD9864 is a general-purpose IF subsystem that digitizes a low level 10 MHz to 300 MHz IF input with a signal bandwidth ranging from 6.8 kHz to 270 kHz. The signal chain of the AD9864 consists of a low noise amplifier (LNA), a mixer, a band-pass Σ-∆ analog-to-digital converter (ADC), and a deci mation filter with programmable decimation factor. An auto matic gain control (AGC) circuit gives the AD9864 12 dB of

continuous gain adjustment. Auxiliary blocks include both clock and LO synthesizers.



FEATURES

10 MHz to 300 MHz input frequency

6.8 kHz to 270 kHz output signal bandwidth

7.5 dB SSB NF

–7.0 dBm IIP3

AGC free range up to –34 dBm

12 dB continuous AGC range

16 dB front end attenuator

Baseband I/Q 16-bit (or 24-bit) serial digital output

LO and sampling clock synthesizers

Programmable decimation factor, output format, AGC, and sythesizer settings

370 Ω input impedance

2.7 V to 3.6 V supply voltage

Low current consumption: 17 mA

48-lead LFCSP package



APPLICATIONS

Multimode narrow-band radio products

  Analog/digital UHF/VHF FDMA receivers

  TETRA, APCO25, GSM/EDGE

Portable and mobile radio products

SATCOM terminals




Similar Part No. - AD9864BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9864BCPZ AD-AD9864BCPZ Datasheet
1Mb / 48P
IF Digitizing Subsystem
23-Feb-2017
AD9864BCPZRL AD-AD9864BCPZRL Datasheet
1Mb / 48P
IF Digitizing Subsystem
23-Feb-2017
More results


Similar Description - AD9864BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9870 AD-AD9870 Datasheet
233Kb / 20P
IF Digitizing Subsystem
REV.0
AD9874 AD-AD9874 Datasheet
744Kb / 40P
IF Digitizing Subsystem
REV.0
AD9874ABSTZ AD-AD9874ABSTZ Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9864 AD-AD9864_15 Datasheet
944Kb / 44P
IF Digitizing Subsystem
REV. 0
AD9870 AD-AD9870_15 Datasheet
226Kb / 20P
IF Digitizing Subsystem
REV. 0
AD9874 AD-AD9874_15 Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9864 AD-AD9864_17 Datasheet
1Mb / 48P
IF Digitizing Subsystem
23-Feb-2017
AD9874 AD-AD9874_17 Datasheet
710Kb / 41P
IF Digitizing Subsystem
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com