Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9864BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 3 Page - Analog Devices

  AD9864BCPZ Datasheet HTML 1Page - Analog Devices AD9864BCPZ Datasheet HTML 2Page - Analog Devices AD9864BCPZ Datasheet HTML 3Page - Analog Devices AD9864BCPZ Datasheet HTML 4Page - Analog Devices AD9864BCPZ Datasheet HTML 5Page - Analog Devices AD9864BCPZ Datasheet HTML 6Page - Analog Devices AD9864BCPZ Datasheet HTML 7Page - Analog Devices AD9864BCPZ Datasheet HTML 8Page - Analog Devices AD9864BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AD9864
GENERAL DESCRIPTION
The AD9864 is a general-purpose narrow-band IF subsystem that
digitizes a low level 10 MHz to 300 MHz IF input with a signal
bandwidth ranging from 6.8 kHz to 270 kHz. The signal chain of
the AD9864 consists of an LNA, a mixer, a band-pass Σ-∆ ADC,
and a decimation filter with programmable decimation factor.
The input LNA is a fixed gain block with an input impedance of
approximately 370 Ω||1.4 pF. The LNA input is single-ended
and self-biasing, allowing the input IF to be ac-coupled. The
LNA can be disabled through the serial interface, providing a
fixed 16 dB attenuation to the input signal.
The LNA drives the input port of a Gilbert-type active mixer.
The mixer LO port is driven by the on-chip LO buffer, which
can be driven externally, single-ended or differential. The LO
buffer inputs are self-biasing and allow the LO input to be
ac-coupled. The open-collector outputs of the mixer drive an
external resonant tank consisting of a differential LC network
tuned to the IF of the band-pass Σ-∆ ADC.
The external differential LC tank forms the resonator for the
first stage of the band-pass Σ-∆ ADC. The tank LC values must
be selected for a center frequency of fCLK/8, where fCLK is the
sample rate of the ADC. The fCLK/8 frequency is the IF digitized
by the band-pass Σ-∆ ADC. On-chip calibration allows stan-
dard tolerance inductor and capacitor values. The calibration is
typically performed once at power-up.
The ADC contains a sixth order multibit band-pass Σ-∆ modu-
lator that achieves very high instantaneous dynamic range over
a narrow frequency band centered at fCLK/8. The modulator
output is quadrature mixed to baseband and filtered by three
cascaded linear phase FIR filters to remove out-of-band noise.
The first FIR filter is a fixed decimate by 12 using a fourth order
comb filter. The second FIR filter also uses a fourth order comb
filter with programmable decimation from 1 to 16. The third
FIR stage is programmable for decimation of either 4 or 5. The
cascaded decimation factor is programmable from 48 to 960.
The decimation filter data is output via the synchronous serial
interface (SSI) of the chip.
Additional functionality built into the AD9864 includes LO and
clock synthesizers, programmable AGC, and a flexible synchro-
nous serial interface for output data.
The LO synthesizer is a programmable PLL consisting of a low
noise phase frequency detector (PFD), a variable output current
charge pump (CP), a 14-bit reference divider, A and B counters,
and a dual modulus prescaler. The user only needs to add an
appropriate loop filter and VCO for complete operation.
The clock synthesizer is equivalent to the LO synthesizer with
the following differences:
• It does not include the prescaler or A counter.
• It includes a negative resistance core used for VCO
generation.
The AD9864 contains both a variable gain amplifier (VGA) and a
digital VGA (DVGA). Both of these can operate manually or
automatically. In manual mode, the gain for each is programmed
through the SPI. In automatic gain control mode, the gains are
adjusted automatically to ensure the ADC does not clip and that
the rms output level of the ADC is equal to a programmable ref-
erence level.
The VGA has 12 dB of attenuation range and is implemented by
adjusting the ADC full-scale reference level. The DVGA gain is
implemented by scaling the output of the decimation filter. The
DVGA is most useful in extending the dynamic range in nar-
row-band applications requiring 16-bit I and Q data format.
The SSI provides a programmable frame structure, allowing
24-bit or 16-bit I and Q data and flexibility by including
attenuation and RSSI data if required.
Rev. 0 | Page 3 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com