Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9864BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 9Page - Analog Devices AD9864BCPZ Datasheet HTML 10Page - Analog Devices AD9864BCPZ Datasheet HTML 11Page - Analog Devices AD9864BCPZ Datasheet HTML 12Page - Analog Devices AD9864BCPZ Datasheet HTML 13Page - Analog Devices AD9864BCPZ Datasheet HTML 14Page - Analog Devices AD9864BCPZ Datasheet HTML 15Page - Analog Devices AD9864BCPZ Datasheet HTML 16Page - Analog Devices AD9864BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD9864
Rev. 0 | Page 13 of 44
IFIN (dBm)
–45
–130
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–42
–39
–36
–33
–30
–27
–24
PIN
–5
–30
–10
–15
–20
–25
–40
–35
–45
Figure 21. IMD vs. IFIN (fCLK = 26 MSPS)
FREQUENCY (MHz)
13
0
6
12
11
10
9
8
7
50
500
100
150
200
250
300
350
400
450
16-BIT WITH DVGA
24-BIT
Figure 22. Noise Figure vs. Frequency
(Minimum Attenuation, fCLK = 26 MSPS, BW = 10 kHz)
FREQUENCY (MHz)
0
0
–10
–2
–4
–6
–8
50
500
100
150
200
250
300
350
400
450
Figure 23. Input IIP3 vs. Frequency (fCLK = 26 MSPS)
FREQUENCY (MHz)
13
0
6
12
11
10
9
8
7
50
500
100
150
200
250
300
350
400
450
24-BIT
16-BIT WITH DVGA
Figure 24. Noise Figure vs. Frequency
(Minimum Attenuation, fCLK = 18 MSPS, BW = 10 kHz)
FREQUENCY (MHz)
0
0
–2
–4
–6
–8
–10
50
500
100
150
200
250
300
350
400
450
Figure 25. Input IIP3 vs. Frequency (fCLK = 18 MSPS)
INTERFERER LEVEL (dBm)
20.0
–55
8.0
18.5
15.5
12.5
11.0
9.5
–5
–10
NOISE FIGURE
AGC
17.0
14.0
–15
–20
–25
–30
–35
–40
–45
–50
128
0
112
80
48
32
16
96
64
Figure 26. Noise Figure vs. Interferer Level (16-Bit Data,
BW = 12.5 kHz, AGCR = 1, fINTERFERER = fIF + 110 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com