Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9864BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 17Page - Analog Devices AD9864BCPZ Datasheet HTML 18Page - Analog Devices AD9864BCPZ Datasheet HTML 19Page - Analog Devices AD9864BCPZ Datasheet HTML 20Page - Analog Devices AD9864BCPZ Datasheet HTML 21Page - Analog Devices AD9864BCPZ Datasheet HTML 22Page - Analog Devices AD9864BCPZ Datasheet HTML 23Page - Analog Devices AD9864BCPZ Datasheet HTML 24Page - Analog Devices AD9864BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD9864
Rev. 0 | Page 21 of 44
Table 9. Number of Bits per Frame for Different SSICR Settings
DW
EAGC
EFS
AAGC
Number
of Bits
per
Frame
0 (16 Bit)
0
0
NA
32
0
1
NA
49*
1
0
0
48
1
0
1
40
1
1
0
69*
1
1
1
59*
1 (24 Bit)
0
0
NA
48
0
1
NA
69*
1
0
0
64
1
0
1
56
1
1
0
89*
1
1
1
79*
*The number of bits per frame with embedded frame sync (EFS = 1); assume
at least 10 idle bits are desired.
The maximum SSIORD setting can be determined by the
equation
(
) (
)
[
]
Frame
per
Bits
of
No.
Factor
Decimation
TRUNC
SSIORD
/
≤
(1)
where TRUNC is the truncated integer value.
Table 9 lists the number of bits within a frame for 16-bit and 24-
bit output data formats for all of the different SSICR settings. The
decimation factor is determined by the contents of Register 0x07.
An example helps illustrate how the maximum SSIORD setting
is determined. Suppose a user selects a decimation factor of 600
(Register 0x07, K = 0, M = 9) and prefers a 3-wire interface with
a dedicated frame sync (EFS = 0) containing 24-bit data
(DW = 1) with nonalternating embedded AGC data included
(EAGC = 1, AAGC = 0). Referring to Table 9, each frame will
consist of 64 data bits. Using Equation 1, the maximum
SSIORD setting is 9 (= TRUNC(600/64)). Thus, the user can
select any SSIORD setting between 1 and 9.
Figure 32 illustrates the output timing of the SSI port for several
SSI control register settings with 16-bit I/Q data, while Figure 33
shows the associated timing parameters. Note that the same
timing relationship holds for 24-bit I/Q data, with the excep-
tion that I and Q word lengths now become 24 bits. In the
default mode of operation, data is shifted out on rising edges of
CLKOUT after a pulse equal to a clock period is output from
the frame sync (FS) pin. As described above, the output data
consists of a 16-bit or 24-bit I sample followed by a 16-bit or
24-bit Q sample, plus two optional bytes containing AGC and
status information.
I15
I14
tCLK
tHI
tV
tDV
tLOW
CLKOUT
FS
DOUT
Figure 33. SSI Timing Parameters for SSI Timing*
*Timing parameters also apply to inverted CLKOUT or FS modes, with tDV
relative to the falling edge of the CLK and/or FS.
The AD9864 also provides the means for controlling the
switching characteristics of the digital output signals via the DS
(drive strength) field of the SSICRB. This feature is useful in
limiting switching transients and noise from the digital output
that may ultimately couple back into the analog signal path,
potentially degrading the AD9864’s sensitivity performance.
Figure 34 and Figure 35 show how the NF can vary as a func-
tion of the SSI setting for an IF frequency of 109.65 MHz. The
following two observations can be made from these figures:
1. The NF becomes more sensitive to the SSI output drive
strength level at higher signal bandwidth settings.
2. The NF is dependent on the number of bits within an SSI
frame that become more sensitive to the SSI output drive
strength level as the number of bits is increased. As a result,
one should select the lowest possible SSI drive strength set-
ting that still meets the SSI timing requirements.
SSI OUTPUT DRIVE STRENGTH SETTING
2
10.0
4
9.6
3
1
8.0
7
6
5
24-BIT I/O DATA
9.8
9.4
9.2
9.0
8.6
8.8
8.4
8.2
16-BIT I/0 DATA
w/ DVGA ENABLED
16-BIT I/O DATA
Figure 34. NF vs. SSI Output Drive Strength
(VDDx = 3.0 V, FCLK = 18 MSPS, BW = 10 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com