Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9864BCPZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 36Page - Analog Devices AD9864BCPZ Datasheet HTML 37Page - Analog Devices AD9864BCPZ Datasheet HTML 38Page - Analog Devices AD9864BCPZ Datasheet HTML 39Page - Analog Devices AD9864BCPZ Datasheet HTML 40Page - Analog Devices AD9864BCPZ Datasheet HTML 41Page - Analog Devices AD9864BCPZ Datasheet HTML 42Page - Analog Devices AD9864BCPZ Datasheet HTML 43Page - Analog Devices AD9864BCPZ Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
AD9864
0
105
95
BW (kHz)
85
80
80
120
140
160
40
20
60
100
100
90
MIN ATTEN WITH
24-BIT I/Q DATA
MAX ATTEN WITH
16-BIT I/Q DATA
MIN ATTEN WITH
16-BIT I/Q DATA
MAX ATTEN WITH
24-BIT I/Q DATA
fCLK = 18MSPS
Figure 74. Hung Mixer SNR vs. BW and VGA
LAYOUT EXAMPLE, EVALUATION BOARD, AND
SOFTWARE
The evaluation board and its accompanying software provide a
simple way to evaluate the AD9864. The block diagram in
Figure 75 shows the major blocks of the evaluation board,
which is designed to be flexible, allowing configuration for
different applications.
The power supply distribution block provides filtered, adjust-
able voltages to the various supply pins of the AD9864. In the
IF input signal path, component pads are available to implement
different IF impedance matching networks. The LO and CLK
signals can be externally applied or internally derived from a
user-supplied VCO module interface daughter board. The refer-
ence for the on-chip LO and CLK synthesizers can be applied via
the external fREF input or an on-board crystal oscillator.
The evaluation board is designed to interface to a PC via a
National Instruments NI 6533 digital IO card. An XILINX FPGA
formats the data between the AD9864 and digital I/O card.
MIXER
INPUT
DUT
IF
INPUT
LO
INPUT
VCO
MODULE
INTERFACE
CRYSTAL
OSCILLATOR
(OPTIONAL)
IDT
FIFO
POWER SUPPLY
DISTRIBUTION
EPROM
CLK
INPUT
FREF
INPUT
XILINX
SPARTON
FPGA
AD9864
Figure 75. Evaluation Board Platform
Software developed using National Instruments’ LabVIEW™
(and provided as Microsoft® Windows® executable programs) is
supplied for the configuration of the SPI port registers and
evaluation of the AD9864 output data. These programs have a
convenient graphical user interface that allows for easy access
to the various SPI port configuration registers and frequency
analysis of the output data.
For more information on the AD9864 evaluation board, includ-
ing an example layout, please refer to the EVAL-AD9874EB
Data Sheet
(www.analog.com/Analog_Root/static/pdf/techSupport/AD987
4EB_0.pdf).
Rev. 0 | Page 42 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com