Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954YSV Datasheet (PDF) - Analog Devices

AD9954YSV Datasheet PDF - Analog Devices
Part # AD9954YSV
Download  AD9954YSV Download
File Size   1027.31 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer

AD9954YSV Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9954YSV Datasheet PDF - Analog Devices

Part # AD9954YSV
Download  AD9954YSV Click to download

File Size   1027.31 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer

AD9954YSV Datasheet (HTML) - Analog Devices


AD9954YSV Product details

GENERAL DESCRIPTION
The AD9954 is a direct digital synthesizer (DDS) that uses advanced technology, coupled with an internal high speed, high performance DAC to form a complete, digitally programmable, high frequency synthesizer capable of generating a frequencyagile analog output sinusoidal waveform at up to 160 MHz. The AD9954 enables fast frequency hopping coupled with fine tuning of both frequency (0.01 Hz or better) and phase (0.022° granularity).

FEATURES
   400 MSPS internal clock speed
   Integrated 14-bit DAC
   Programmable phase/amplitude dithering
   32-bit frequency tuning accuracy
   14-bit phase tuning accuracy
   Phase noise better than –120 dBc/Hz
   Excellent dynamic performance
      >80 dB narrowband SFDR
   Serial I/O control
   Ultrahigh speed analog comparator
   Automatic linear and nonlinear frequency sweeping
   4 frequency/phase offset profiles
   1.8 V power supply
   Software and hardware controlled power-down
   48-lead TQFP
   Integrated 1024 word × 32-bit RAM
   Support for 5 V input levels on most digital inputs
   PLL-based REFCLK multiplier
   Internal oscillator, can be driven by a single crystal
   Phase modulation capability
   Multichip synchronization

APPLICATIONS
   Agile LO frequency synthesis
   Programmable clock generators
   FM chirp source for radar and scanning systems
   Automotive radars
   Test and measurement equipment
   Acousto-optic device drivers




Similar Part No. - AD9954YSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9954YSV AD-AD9954YSV Datasheet
472Kb / 40P
400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9954YSV-REEL7 AD-AD9954YSV-REEL7 Datasheet
472Kb / 40P
400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9954YSVZ AD-AD9954YSVZ Datasheet
742Kb / 40P
400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
2/2017-Rev. B to Rev. C
AD9954YSVZ-REEL7 AD-AD9954YSVZ-REEL7 Datasheet
742Kb / 40P
400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
2/2017-Rev. B to Rev. C
AD9954YSVZ-REEL71 AD-AD9954YSVZ-REEL71 Datasheet
472Kb / 40P
400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
More results


Similar Description - AD9954YSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9951 AD-AD9951 Datasheet
825Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9859 AD-AD9859 Datasheet
574Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
5/09-Rev. 0 to Rev. A
AD9952 AD-AD9952 Datasheet
731Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com