Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53522 Datasheet (PDF) - Analog Devices

AD53522 Datasheet PDF - Analog Devices
Part # AD53522
Download  AD53522 Download
File Size   158.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed Dual Pin Electronic

AD53522 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD53522 Datasheet PDF - Analog Devices

Part # AD53522
Download  AD53522 Click to download

File Size   158.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed Dual Pin Electronic

AD53522 Datasheet (HTML) - Analog Devices


AD53522 Product details

PRODUCT DESCRIPTION
The AD53522 is a complete, high speed, single-chip solution that performs the pin electronics functions of driver, comparator, and active load (DCL) for ATE applications. In addition, the driver contains a dynamic clamp function and the active load contains an integrated Schottky diode bridge.

FEATURES
    1000 MHz Toggle Rate
    Driver/Comparator/Active Load and Dynamic Clamp Included
    Inhibit Mode Function
    100-Lead LQFP Package with Built-In Heat Sink
    Driver 48  Output Resistance 800 ps Tr/Tf for a 3 V Step
    Comparator 1.1 ns Propagation Delay at 3 V
    Load ±40 mA Voltage Programmable Current Range 50 ns Settling Time to 15 mV

APPLICATIONS
    Automatic Test Equipment
    Semiconductor Test Systems
    Board Test Systems
    Instrumentation and Characterization Equipment




Similar Part No. - AD53522

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53522 AD-AD53522_15 Datasheet
164Kb / 12P
High Speed Dual Pin Electronic
REV. A
More results


Similar Description - AD53522

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6608 PANASONIC-AN6608 Datasheet
66Kb / 6P
DC Motor Forward/Reverse Dual Speed Electronic Governors
logo
Microsemi Corporation
GC4270 MICROSEMI-GC4270 Datasheet
104Kb / 2P
HIGH SPEED PIN DIODES
logo
OPTEK Technologies
OPF482 OPTEK-OPF482 Datasheet
245Kb / 2P
High Speed PIN Photodiode
logo
Panasonic Semiconductor
AN6607NS PANASONIC-AN6607NS Datasheet
207Kb / 2P
DC MOTOR FORWARD / REVERSE DUAL SPEED ELECTRONIC GOVEMOR
logo
List of Unclassifed Man...
A00596 ETC2-A00596 Datasheet
180Kb / 2P
Electronic Speed Switch
logo
Connor-Winfield Corpora...
JH73DF CONNOR-WINFIELD-JH73DF Datasheet
58Kb / 1P
DUAL FREQUENCY 14 PIN DIP HIGH SPEED CMOS
logo
Analog Devices
AD53522 AD-AD53522_15 Datasheet
164Kb / 12P
High Speed Dual Pin Electronic
REV. A
logo
OSRAM GmbH
SFH2701 OSRAM-SFH2701 Datasheet
385Kb / 13P
High Speed PIN Photodiode
SFH-2701 OSRAM-SFH-2701 Datasheet
385Kb / 13P
High Speed PIN Photodiode
logo
ams AG
SFH2701 AMSCO-SFH2701 Datasheet
742Kb / 17P
High Speed PIN Photodiode
Version 1.3 2021-09-30
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com