Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53522 Datasheet(PDF) 1 Page - Analog Devices

Part # AD53522
Description  High Speed Dual Pin Electronic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53522 Datasheet(HTML) 1 Page - Analog Devices

  AD53522 Datasheet HTML 1Page - Analog Devices AD53522 Datasheet HTML 2Page - Analog Devices AD53522 Datasheet HTML 3Page - Analog Devices AD53522 Datasheet HTML 4Page - Analog Devices AD53522 Datasheet HTML 5Page - Analog Devices AD53522 Datasheet HTML 6Page - Analog Devices AD53522 Datasheet HTML 7Page - Analog Devices AD53522 Datasheet HTML 8Page - Analog Devices AD53522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
a
AD53522
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
High Speed
Dual Pin Electronic
FUNCTIONAL BLOCK DIAGRAM (One-Half)
DRIVER
COMPARATOR
V/I
V/I
ACTIVE LOAD
1.0 A/ K
VCC
VCC
VCC
VEE
VEE
VEE
AD53522
VHDCPL
OUT
VLDCPL
PWRGND
9
HQGND
VCOM_S
THERM*
+1
VH
VTERM
DATA
IOD
RLD
VL
HCOMP
VCCO
QH
QL
LCOMP
VCOM
IOLC
IOXRTN
INHL
IOHC
VCL
VCH
PROT_HI
PROT_LO
PWRD
GND_ROT
DR_GND
THERMSTART
*ONLY 1 (ONE) THERM PER DEVICE
INHLB
QLB
QHB
RLDB
IODB
DATAB
FEATURES
1000 MHz Toggle Rate
Driver/Comparator/Active Load and Dynamic Clamp
Included
Inhibit Mode Function
100-Lead LQFP Package with Built-In Heat Sink
Driver
48
Output Resistance
800 ps Tr/Tf for a 3 V Step
Comparator
1.1 ns Propagation Delay at 3 V
Load
40 mA Voltage Programmable Current Range
50 ns Settling Time to 15 mV
APPLICATIONS
Automatic Test Equipment
Semiconductor Test Systems
Board Test Systems
Instrumentation and Characterization Equipment
PRODUCT DESCRIPTION
The AD53522 is a complete, high speed, single-chip solution
that performs the pin electronics functions of driver, comparator,
and active load (DCL) for ATE applications. In addition, the
driver contains a dynamic clamp function and the active load
contains an integrated Schottky diode bridge.
The driver is a proprietary design that features three active states:
Data High mode, Data Low mode, and Term mode, as well as
an Inhibit State. In conjunction with the integrated dynamic
clamp, this facilitates the implementation of a high speed active
termination. The output voltage range is –0.5 V to +6.5 V to
accommodate a wide variety of test devices.
The dual comparator, with an input range equal to the driver
output range, features PECL compatible outputs. Signal tracking
capability is in the range of 3 V/ns.
The active load can be set for up to 40 mA load current. IOH, IOL,
and the buffered VCOM are independently adjustable. On-board
Schottky diodes provide high speed switching and low capacitance.
Also included is an on-board temperature sensor that gives an
indication of the silicon surface temperature of the DCL. This
information can be used to measure JC and JA or flag an alarm
if proper cooling is lost. Output from the sensor is a current sink
that is proportional to absolute temperature. The gain is trimmed
to a nominal value of 1.0
µA/K. As an example, the output current
can be sensed by using a 10 k
Ω resistor connected from 10 V to
the THERM (IOUT) pin. A voltage drop across the resistor will
be developed that equals 10 k
Ω 1 µA/°K = 10 mV/°K=2.98V
at room temperature.


Similar Part No. - AD53522

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53522 AD-AD53522_15 Datasheet
164Kb / 12P
High Speed Dual Pin Electronic
REV. A
More results

Similar Description - AD53522

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6608 PANASONIC-AN6608 Datasheet
66Kb / 6P
DC Motor Forward/Reverse Dual Speed Electronic Governors
logo
Microsemi Corporation
GC4270 MICROSEMI-GC4270 Datasheet
104Kb / 2P
HIGH SPEED PIN DIODES
logo
OPTEK Technologies
OPF482 OPTEK-OPF482 Datasheet
245Kb / 2P
High Speed PIN Photodiode
logo
Panasonic Semiconductor
AN6607NS PANASONIC-AN6607NS Datasheet
207Kb / 2P
DC MOTOR FORWARD / REVERSE DUAL SPEED ELECTRONIC GOVEMOR
logo
List of Unclassifed Man...
A00596 ETC2-A00596 Datasheet
180Kb / 2P
Electronic Speed Switch
logo
Connor-Winfield Corpora...
JH73DF CONNOR-WINFIELD-JH73DF Datasheet
58Kb / 1P
DUAL FREQUENCY 14 PIN DIP HIGH SPEED CMOS
logo
Analog Devices
AD53522 AD-AD53522_15 Datasheet
164Kb / 12P
High Speed Dual Pin Electronic
REV. A
logo
OSRAM GmbH
SFH2701 OSRAM-SFH2701 Datasheet
385Kb / 13P
High Speed PIN Photodiode
SFH-2701 OSRAM-SFH-2701 Datasheet
385Kb / 13P
High Speed PIN Photodiode
logo
ams AG
SFH2701 AMSCO-SFH2701 Datasheet
742Kb / 17P
High Speed PIN Photodiode
Version 1.3 2021-09-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com