Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02AR Datasheet (PDF) - Analog Devices

ADR02AR Datasheet PDF - Analog Devices
Part # ADR02AR
Download  ADR02AR Download
File Size   837.39 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References

ADR02AR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR02AR Datasheet PDF - Analog Devices

Part # ADR02AR
Download  ADR02AR Click to download

File Size   837.39 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References

ADR02AR Datasheet (HTML) - Analog Devices


ADR02AR Product details

GENERAL DESCRIPTION
The ADR01, ADR02, ADR03, and ADR06 are precision 10.0 V, 5.0 V, 2.5 V, and 3.0 V band gap voltage references featuring high accuracy, high stability, and low power consumption. The parts are housed in tiny, 5-lead SC70 and TSOT packages, as well as in 8-lead SOIC versions. The SOIC versions of the ADR01, ADR02, and ADR03 are drop-in replacements1 to the industry standard REF01, REF02, and REF03. The small footprint and wide operating range make the ADR0x references ideally suited for general-purpose and space-constrained applications.

FEATURES
    Ultracompact SC70 and TSOT packages
    Low temperature coefficient
        8-lead SOIC: 3 ppm/°C
        5-lead SC70: 9 ppm/°C
        5-lead TSOT: 9 ppm/°C
    Initial accuracy ±0.1%
    No external capacitor required
    Low noise 10 µV p-p (0.1 Hz to 10.0 Hz)
    Wide operating range
        ADR01: 12.0 V to 36.0 V
        ADR02: 7.0 V to 36.0 V
        ADR03: 4.5 V to 36.0 V
        ADR06: 5.0 V to 36.0 V
    High output current 10 mA
    Wide temperature range: −40°C to +125°C
    ADR01/ADR02/ADR03 pin compatible to industry standard REF01/REF02/REF03
    ADR01, ADR02, ADR03 and ADR06 SOIC qualified for automotive applications

APPLICATIONS
    Precision data acquisition systems
    High resolution converters
    Industrial process control systems
    Precision instruments
    Auto battery monitoring
    PCMCIA cards




Similar Part No. - ADR02AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR02AR AD-ADR02AR Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02AR AD-ADR02AR Datasheet
523Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
ADR02AR AD-ADR02AR Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02AR-REEL AD-ADR02AR-REEL Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02AR-REEL AD-ADR02AR-REEL Datasheet
523Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
More results


Similar Description - ADR02AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR03BKSZ-REEL7 AD-ADR03BKSZ-REEL7 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03ARZ AD-ADR03ARZ Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_12 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
523Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02 AD-ADR02_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03 AD-ADR03_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR06 AD-ADR06_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com