Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02AR Datasheet(PDF) 1 Page - Analog Devices

Part # ADR02AR
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02AR Datasheet(HTML) 1 Page - Analog Devices

  ADR02AR Datasheet HTML 1Page - Analog Devices ADR02AR Datasheet HTML 2Page - Analog Devices ADR02AR Datasheet HTML 3Page - Analog Devices ADR02AR Datasheet HTML 4Page - Analog Devices ADR02AR Datasheet HTML 5Page - Analog Devices ADR02AR Datasheet HTML 6Page - Analog Devices ADR02AR Datasheet HTML 7Page - Analog Devices ADR02AR Datasheet HTML 8Page - Analog Devices ADR02AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ultracompact Precision
10 V/5 V/2.5 V/3.0 V Voltage References
ADR01/ADR02/ADR03/ADR06
FEATURES
Ultracompact SC70-5/TSOT-5
Low temperature coefficient
SOIC-8: 3 ppm/°C
SC70-5/TSOT-5: 9 ppm/°C
Initial accuracy ± 0.1%
No external capacitor required
Low noise 10 µV p-p (0.1 Hz to 10 Hz)
Wide operating range
ADR01: 12 V to 40 V
ADR02: 7 V to 40 V
ADR03: 4.5 V to 40 V
ADR06: 5.0 V to 40 V
High output current 10 mA
Wide temperature range: –40°C to +125°C
ADR01/ADR02/ADR03 pin compatible to industry-standard
REF01/REF02/REF031
APPLICATIONS
Precision data acquisition systems
High resolution converters
Industrial process control systems
Precision instruments
PCMCIA cards
SELECTION GUIDE
Part Number
Output Voltage
ADR01
10.0 V
ADR02
5.0 V
ADR03
2.5 V
ADR06
3.0 V
1 ADR01, ADR02, and ADR03 are component-level compatible with REF01,
REF02, and REF03, respectively. No guarantees for system-level compatibility
are implied. SOIC-8 versions of ADR01/ADR02/ADR03 are pin-to-pin
compatible with SOIC-8 versions of REF01/REF02/REF03, respectively, with
the additional temperature monitoring function.
PIN CONFIGURATIONS
5
4
1
3
2
VOUT
TRIM
VIN
TEMP
GND
TOP VIEW
(Not to Scale)
ADR01/
ADR02/
ADR03/
ADR06
Figure 1. 5-Lead SC70/TSOT Surface-Mount Packages
TOP VIEW
(Not to Scale)
8
6
1
TP
3
2
ADR01/
ADR02/
ADR03/
ADR06
VOUT
7
5
4
TRIM
TP
NIC
VIN
TEMP
GND
NIC = NO INTERNAL CONNECT
TP = TEST PIN (DO NOT CONNECT)
Figure 2. 8-Lead SOIC Surface-Mount Package
GENERAL DESCRIPTION
The ADR01, ADR02, ADR03, and ADR06 are precision 10 V,
5 V, 2.5 V, and 3.0 V band gap voltage references featuring high
accuracy, high stability, and low power. The parts are housed in
tiny SC70-5 and TSOT-5 packages, as well as the SOIC-8
versions. The SOIC-8 versions of the ADR01, ADR02, and
ADR03 are drop-in replacements1 to the industry-standard
REF01, REF02, and REF03. The small footprint and wide
operating range make the ADR0x references ideally suited for
general-purpose and space-constraint applications.
With an external buffer and a simple resistor network, the
TEMP terminal can be used for temperature sensing and
approximation. A TRIM terminal is provided on the devices
for fine adjustment of the output voltage.
The ADR01, ADR02, ADR03, and ADR06 are compact, low drift
voltage references that provide an extremely stable output
voltage from a wide supply voltage range. They are available in
SC70-5, TSOT-5, and SOIC-8 packages with A and B grade
selections. All parts are specified over the extended industrial
(–40°C to +125°C) temperature range.
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADR02AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR02AR AD-ADR02AR Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02AR AD-ADR02AR Datasheet
523Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
ADR02AR AD-ADR02AR Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02AR-REEL AD-ADR02AR-REEL Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02AR-REEL AD-ADR02AR-REEL Datasheet
523Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
More results

Similar Description - ADR02AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR03BKSZ-REEL7 AD-ADR03BKSZ-REEL7 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03ARZ AD-ADR03ARZ Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_12 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
523Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02 AD-ADR02_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03 AD-ADR03_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR06 AD-ADR06_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com