Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02AR Datasheet(PDF) 13 Page - Analog Devices

Part # ADR02AR
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02AR Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR02AR Datasheet HTML 9Page - Analog Devices ADR02AR Datasheet HTML 10Page - Analog Devices ADR02AR Datasheet HTML 11Page - Analog Devices ADR02AR Datasheet HTML 12Page - Analog Devices ADR02AR Datasheet HTML 13Page - Analog Devices ADR02AR Datasheet HTML 14Page - Analog Devices ADR02AR Datasheet HTML 15Page - Analog Devices ADR02AR Datasheet HTML 16Page - Analog Devices ADR02AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 13 of 20
3
1
5
2
0
4
46
02
LOAD CURRENT (mA)
8
10
+125
oC
+25
oC
–40
oC
6
Figure 22. ADR03 Minimum Input-Output
Voltage Differential vs. Load Current
2.0
1.0
4.0
3.5
3.0
1.5
0
0.5
2.5
02
4
6
LOAD CURRENT (mA)
8
10
+125
oC
+25
oC
–40
oC
4.5
Figure 23. ADR06 Minimum Input-Output
Voltage Differential vs. Load Current
46
0
0.50
2
TA = 25
oC
LOAD CURRENT (mA)
8
10
0.55
0.60
0.65
0.70
Figure 24. ADR01 Quiescent Current vs. Load Current
TIME (1s/DIV)
Figure 25. ADR02 Typical Noise Voltage 0.1 Hz to 10 Hz
TIME (1ms/DIV)
Figure 26. ADR02 Typical Noise Voltage 10 Hz to 10 KHz
NO LOAD CAPACITOR
NO INPUT CAPACITOR
VOUT 5V/DIV
TIME (2.00ms/DIV)
10V
8V
Figure 27. ADR02 Line Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com