Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL-2052-20 Datasheet (PDF) - JMK Inc.

LL-2052-20 Datasheet PDF - JMK Inc.
Part # LL-2052-20
Download  LL-2052-20 Download
File Size   34.66 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating voltage: 250 Vac

LL-2052-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
LL-2052-20 Datasheet PDF - JMK Inc.

Part # LL-2052-20
Download  LL-2052-20 Click to download

File Size   34.66 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating voltage: 250 Vac

LL-2052-20 Datasheet (HTML) - JMK Inc.




Similar Part No. - LL-2052-20

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-204BD1F-B4-1G LUCKY-LIGHT-LL-204BD1F-B4-1G Datasheet
151Kb / 7P
2mm Tower Type Blue LED Technical Data Sheet
LL-204HD1F-H1 LUCKY-LIGHT-LL-204HD1F-H1 Datasheet
386Kb / 7P
2mm Tower Type Red LED Technical Data Sheet
LL-204SD2L-1S LUCKY-LIGHT-LL-204SD2L-1S Datasheet
133Kb / 7P
2mm Tower Type Super Red LED Technical Data Sheet
LL-204UGC2L-2B LUCKY-LIGHT-LL-204UGC2L-2B Datasheet
133Kb / 7P
2mm Tower Type Ultra Yellow Green LED Technical Data Sheet
LL-204YD1F-2Y LUCKY-LIGHT-LL-204YD1F-2Y Datasheet
670Kb / 7P
2mm Tower Type Yellow LED Technical Data Sheet
More results


Similar Description - LL-2052-20

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
1306 JMK-1306 Datasheet
74Kb / 1P
Operating voltage = 115/250 Vac Operating current = 20, 30 Amp
AA-0221-20 JMK-AA-0221-20 Datasheet
255Kb / 1P
Operating voltage = 115/250 Vac Operating current = 20 Amp
AA-0221-20B JMK-AA-0221-20B Datasheet
227Kb / 1P
Operating voltage = 115/250 Vac Operating current = 20 Amp
FF-1069A-3B JMK-FF-1069A-3B Datasheet
35Kb / 1P
Operating voltage = 125 / 250 Vac Operating current = 3 Amps
FF-1319-13 JMK-FF-1319-13 Datasheet
39Kb / 1P
Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
FF-1319-13C JMK-FF-1319-13C Datasheet
33Kb / 1P
Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
LL-0221-30 JMK-LL-0221-30 Datasheet
60Kb / 1P
Operating Voltage = 115-250 Vac Operating Current = 30 Amperes
ZF-1543-3.5B JMK-ZF-1543-3.5B Datasheet
29Kb / 1P
Operating Voltage = 115 / 250 VAC Operating Current = 3.5 Ampere
ZG-1435-1B JMK-ZG-1435-1B Datasheet
109Kb / 1P
Operating Voltage = 125/250 Vac Operating Current = 1.0 Ampere
ZG-1435-5B JMK-ZG-1435-5B Datasheet
167Kb / 1P
Operating Voltage = 125/250 Vac Operating Current = 5.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com