Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXXH50N60B3 Datasheet (PDF) - IXYS Corporation

IXXH50N60B3 Datasheet PDF - IXYS Corporation
Part # IXXH50N60B3
Download  IXXH50N60B3 Download
File Size   280.46 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description XPTTM 600V IGBTs

IXXH50N60B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXXH50N60B3 Datasheet PDF - IXYS Corporation

Part # IXXH50N60B3
Download  IXXH50N60B3 Click to download

File Size   280.46 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description XPTTM 600V IGBTs

IXXH50N60B3 Datasheet (HTML) - IXYS Corporation




Similar Part No. - IXXH50N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
XPTTM 600V IGBTs
IXXH50N60B3D1 IXYS-IXXH50N60B3D1 Datasheet
244Kb / 7P
XPTTM 600V IGBT
More results


Similar Description - IXXH50N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYK120N120C3 IXYS-IXYK120N120C3 Datasheet
214Kb / 6P
1200V XPTTM IGBTs GenX3TM
IXYK100N120C3 IXYS-IXYK100N120C3 Datasheet
208Kb / 6P
1200V XPTTM IGBTs GenX3
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
XPTTM 600V IGBT
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
XPTTM 600V IGBT
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
XPTTM 600V IGBTs
IXYK140N90C3 IXYS-IXYK140N90C3 Datasheet
211Kb / 6P
XPTTM 900V IGBTs
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
1200V XPTTM IGBTs
IXYX140N90C3 IXYS-IXYX140N90C3 Datasheet
211Kb / 6P
XPTTM 900V IGBTs
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com