Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9020 Datasheet (PDF) - List of Unclassifed Manufacturers

TC9020 Datasheet PDF - List of Unclassifed Manufacturers
Part # TC9020
Download  TC9020 Download
File Size   20.27 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Gigabit Ethernet Controller

TC9020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC9020 Datasheet PDF - List of Unclassifed Manufacturers

Part # TC9020
Download  TC9020 Click to download

File Size   20.27 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Gigabit Ethernet Controller

TC9020 Datasheet (HTML) - List of Unclassifed Manufacturers


TC9020 Product details

[TMI]

Functional Description
The TC9021/TC9020 is part of a new generation of high performance, host-optimized network interface cards designed for mission critical systems such as servers and high-end workstations. Offering two gigabits per second of aggregate bandwidth, the TC9021/TC9020 optimizes performance while minimizing network overhead on the host system. Compared to leading Fast Ethernet solutions, the TC9021/TC9020 transfers data at less than one tenth of the host CPU utilization rate.

Features
❑ IEEE 802.3z compliant MAC supporting full wire speed at 1Gbps
❑ 1000Mbps, 100Mbps, and 10Mbps triple speed support
❑ GMII, MII or TBI interface with integrated 1000BASE-X PCS with Auto-Negotiation
❑ Half duplex carrier extension and packet bursting
❑ Scatter/gather DMA capable of 1Gbps transaction
❑ 32/64-bit PCI bus support--- TC9021 32-bit PCI bus support --- TC9020
❑ TCP/UDP/IP checksum offloading
❑ Minimize interrupts
❑ Supports “interrupt-less” transmit operation
❑ Support for IEEE 802.1p prioritizing via priority queuing and interrupts
❑ Extensive IEEE 802.1Q VLAN support
❑ Jumbo frame support
❑ Provides a variety of flexible receive filtering modes, including VLAN, IP multicast, and hash table
❑ Flash ROM interface for remote network boot
❑ ACPI and wake On LAN support
❑ Windows NT 4.0, Windows 9x, Windows 2000, Novell Netware 4.x/5.x, Linux 2.x
❑ Low power 2.5/3.3V CMOS design with 5V tolerant I/O
❑ 0.25um CMOS technology
❑ 208-pin PQFP




Similar Part No. - TC9020

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90202XBG TOSHIBA-TC90202XBG Datasheet
473Kb / 20P
Picture Quality Improver IC embedded the circuit for timing control signal generation
2016-07-05 Rev.2.00
TC90205FG TOSHIBA-TC90205FG Datasheet
707Kb / 18P
Picture quality improver IC embedded T-Con signal generation
2016-04-25 Rev.1.00
TC90207FG TOSHIBA-TC90207FG Datasheet
613Kb / 14P
LVDS-Rx IC
2016-02-24 Rev.1.00
More results


Similar Description - TC9020

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
Dual Gigabit Ethernet Controller
PM3386 PMC-PM3386 Datasheet
2Mb / 315P
DUAL GIGABIT ETHERNET CONTROLLER
logo
LSI Computer Systems
8101 LSI-8101 Datasheet
1Mb / 172P
Gigabit Ethernet Controller
logo
Intel Corporation
82541ER INTEL-82541ER Datasheet
327Kb / 48P
82541ER Gigabit Ethernet Controller
82571EB INTEL-82571EB Datasheet
334Kb / 4P
Gigabit Ethernet Controller
82544EI INTEL-82544EI Datasheet
368Kb / 52P
Gigabit Ethernet Controller
317697-001 INTEL-317697-001 Datasheet
544Kb / 69P
Gigabit Ethernet Controller
logo
Realtek Semiconductor C...
RTL8111E-VL-CG REALTEK-RTL8111E-VL-CG Datasheet
593Kb / 37P
INTEGRATED GIGABIT ETHERNET CONTROLLER
logo
Intel Corporation
82540EM INTEL-82540EM Datasheet
304Kb / 44P
82540EM Gigabit Ethernet Controller
82545EM INTEL-82545EM Datasheet
774Kb / 28P
Gigabit Ethernet Controller
June 6, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com