Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT809 Datasheet (PDF) - Catalyst Semiconductor

CAT809 Datasheet PDF - Catalyst Semiconductor
Part # CAT809
Download  CAT809 Download
File Size   62.2 Kbytes
Page   13 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 3-Pin Microprocessor Power Supply Supervisors

CAT809 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT809 Datasheet PDF - Catalyst Semiconductor

Part # CAT809
Download  CAT809 Click to download

File Size   62.2 Kbytes
Page   13 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 3-Pin Microprocessor Power Supply Supervisors

CAT809 Datasheet (HTML) - Catalyst Semiconductor


CAT809 Product details

DESCRIPTION
The CAT803, CAT809, and CAT810 are supervisory circuits that monitor power supplies in digital systems. The CAT803, CAT809, and CAT810 are direct replacements for the MAX803, MAX809 and MAX810 in applications operating over the industrial temperature range.

FEATURES
■ Precision monitoring of
    +5.0V (-5%, -10%, -20%),
    +3.3V (-5%, -10%),
    +3.0V (-10%) and
    +2.5V (-5%) power supplies
■ Offered in three output confgurations:
    - CAT803: Open-Drain Active LOW reset
    - CAT809: Push-Pull Active LOW reset
    - CAT810: Push-Pull Active HIGH reset
■ Direct replacements for the MAX803, MAX809 and MAX810 in applications operating over the industrial temperature range reset valid down to VCC = 1.0V
■ 6µA power supply current
■ Power supply transient immunity
■ Industrial temperature range: -40ºC to +85ºC
■ Available in RoHS-compliant SOT-23 and SC70 packages

APPLICATIOnS
■ Computers
■ Servers
■ Laptops
■ Cable modems
■ Wireless communications
■ embedded control systems
■ White goods
■ Power meters
■ Intelligent instruments
■ PDAs and handheld equipment




Similar Part No. - CAT809

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT809 CATALYST-CAT809 Datasheet
867Kb / 28P
Catalyst Semiconductor
logo
ON Semiconductor
CAT809 ONSEMI-CAT809 Datasheet
583Kb / 14P
3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3004, Rev. AA
CAT809 ONSEMI-CAT809 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809 ONSEMI-CAT809 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809 ONSEMI-CAT809 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Similar Description - CAT809

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
3-Pin Microprocessor Power Supply Supervisors
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com