Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT809 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT809
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT809 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT809 Datasheet HTML 1Page - Catalyst Semiconductor CAT809 Datasheet HTML 2Page - Catalyst Semiconductor CAT809 Datasheet HTML 3Page - Catalyst Semiconductor CAT809 Datasheet HTML 4Page - Catalyst Semiconductor CAT809 Datasheet HTML 5Page - Catalyst Semiconductor CAT809 Datasheet HTML 6Page - Catalyst Semiconductor CAT809 Datasheet HTML 7Page - Catalyst Semiconductor CAT809 Datasheet HTML 8Page - Catalyst Semiconductor CAT809 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
CAT809, CAT810
3-Pin Microprocessor Power Supply Supervisors
FEATURES
s Precision monitoring of
+5.0 V (+/- 5%, +/- 10%, +/- 20%),
+3.3 V (+/- 5%, +/ 10%),
+3.0 V (+/- 10%) and
+2.5 V (+/- 5%) power supplies
s Offered in two output configurations:
- CAT809: Active LOW reset
- CAT810: Active HIGH reset
s Direct replacements for the MAX809 and
MAX810 in applications operating over the
industrial temperature range
s Reset valid down to V
CC = 1.0 V
s 6
µA power supply current
s Power supply transient immunity
s Compact 3-pin SOT23 and SC70 packages
s Industrial temperature range: -40˚C to +85˚C
© 2004 by Catalyst Semiconductor, Inc., Patent Pending
Characteristics subject to change without notice
Doc. No. 3004, Rev. S
APPLICATIONS
s Computers
s Servers
s Laptops
s Cable modems
s Wireless communications
s Embedded control systems
s White goods
s Power meters
s Intelligent instruments
s PDAs and handheld equipment
DESCRIPTION
The CAT809 and CAT810 are
µP supervisory circuits
that monitor power supplies in digital systems. The
CAT809 and CAT810 are direct replacements for the
MAX809 and MAX810 in applications operating over the
industrial temperature range.
These devices generate a reset signal, which is asserted
while the power supply voltage is below a preset threshold
level and for at least 140 ms after the power supply level
has risen above that level. The underlying floating gate
technology, AE2(TM) used by Catalyst Semiconductor,
makes it possible to offer any custom reset threshold
value. Seven industry standard threshold levels are
offered to support +5.0 V, +3.3 V, +3.0 V and +2.5 V
systems.
The CAT809 features a
RESET push-pull output (active
LOW) and the CAT810 features a RESET push-pull
output (active HIGH).
Fast transients on the power supply are ignored and the
output is guaranteed to be in the correct state at Vcc
levels as low as 1.0 V.
The CAT809/810 are fully specified over the industrial
temperature range (-40˚C to 85˚C) and are available in
compact 3-pin SOT23 and SC70 packages.
PIN CONFIGURATION
CAT809
(CAT810)
GND
RESET
(RESET)
VCC
3-Lead SOT23
3-Lead SC70
1
2
3
THRESHOLD SUFFIX SELECTOR
Nominal Threshold
Threshold Suffix
Voltage
Designation
4.63V
L
4.38V
M
4.00V
J
3.08V
T
2.93V
S
2.63V
R
2.32V
Z
ALO
GEN FR
TM
LEAD FREE


Similar Part No. - CAT809

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT809 CATALYST-CAT809 Datasheet
867Kb / 28P
Catalyst Semiconductor
logo
ON Semiconductor
CAT809 ONSEMI-CAT809 Datasheet
583Kb / 14P
3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3004, Rev. AA
CAT809 ONSEMI-CAT809 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809 ONSEMI-CAT809 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809 ONSEMI-CAT809 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Similar Description - CAT809

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
3-Pin Microprocessor Power Supply Supervisors
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com