Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8205SL Datasheet (PDF) - SamHop Microelectronics Corp.

SM8205SL Datasheet PDF - SamHop Microelectronics Corp.
Part # SM8205SL
Download  SM8205SL Download
File Size   437.74 Kbytes
Page   13 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description High-Power LED Driver with Integrated PWM Dimming MOSFET Driver

SM8205SL Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8205SL Datasheet PDF - SamHop Microelectronics Corp.

Part # SM8205SL
Download  SM8205SL Click to download

File Size   437.74 Kbytes
Page   13 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description High-Power LED Driver with Integrated PWM Dimming MOSFET Driver

SM8205SL Datasheet (HTML) - SamHop Microelectronics Corp.


SM8205SL Product details

GENERAL DESCRIPTION
The SM8205 is a current mode control wide-input voltage (8V to 48V) LED driver IC specifically designed to power one or multi-strings of high power LEDs. The 10V gate driver allow the use of standard level MOSFET. The low voltage 5.0V VCC is used to power the internal logic and also acts as a reference voltage to set the current level. An external resistor sets the adjustable switching frequency of the SM8205.

FEATURES
● Wide input operating voltage range from 8V to 48V
● Internal 2% reference voltage
● Integrated PWM dimming N-channel MOSFET driver
● Dimming ratio: 1000:1
● 100KHz to 1MHz programmable high-frequency operation
● Programmable slope compensation
● Input under-voltage protection
● LED short-circuit protection (SCP)
● LED open-voltage protection (OVP)
● Junction over-temperature shutdown protection
● Drivers LEDs in Boost, Buck-Boost, SEPIC Topology
● Cycle-by-cycle current limit
● Soft start
● Providing SOP-16 Package

APPLICATIONS
● Single-string LED LCD backlighting
● High power LED drivers
● DC/DC Boost / Buck-Boost converter
● Automotive or Industrial




Similar Part No. - SM8205SL

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Infinite Electronics In...
SM8205 FAIRVIEW-SM8205 Datasheet
506Kb / 4P
4.1/9.5 Mini DIN Male to N Female Adapter
REV 1.1
logo
Sinopower Semiconductor...
SM8205AO SINOPWER-SM8205AO Datasheet
243Kb / 11P
Dual N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SM8205AO VBSEMI-SM8205AO Datasheet
1Mb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Sinopower Semiconductor...
SM8205AOC-TRG SINOPWER-SM8205AOC-TRG Datasheet
243Kb / 11P
Dual N-Channel Enhancement Mode MOSFET
More results


Similar Description - SM8205SL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16834 MAXIM-MAX16834 Datasheet
183Kb / 23P
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 2; 5/09
MAX16834 MAXIM-MAX16834_10 Datasheet
204Kb / 23P
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 3; 1/10
MAX16834 MAXIM-MAX16834_15 Datasheet
233Kb / 23P
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 5; 1/15
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
Boost White LED Driver With High Frequency PWM Dimming
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com