Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8205SL Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SM8205SL
Description  High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8205SL Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SM8205SL Datasheet HTML 1Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 2Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SM8205
PIN ASSIGNMENTS
1
2
3
4
5
6
10
7
8
9
11
12
13
14
15
16
VCC
SS
RT
CLIM
PWMD
COMP
IREF
GND
FDBK
OVP
SC
FAULT
CS
GATE
VDD
VIN
ORDERING INFORMATION
PIN DESCRIPTIONS
SOP-16 (Top View)
Description
Pin No.
Name
5V Low-dropout voltage regulator. Bypass to GND with at least a 4.7uF low-ESR ceramic
capacitor. It provides 2% accurate reference voltage to external IREF and CLIM terminal use for
setting control loop reference.
1
VCC
2
SS
Soft-start time programming pin. Connect capacitor from SS pin to GND to program converter
soft-start time.
3
RT
Connect a resistor from RT to GND to program the switching frequency.
This pin provides a programmable input current limit for the converter. The current limit can be set
by using a resistor divider from the VCC pin, soft-start can also be provided using this pin.
4
CLIM
5
PWMD
PWM dimming input. High level is normal operation, when is pulled to GND or left open, switching
of the SM8205 is disabled.
6
COMP
Error-amplifier output. Connect an RC network from COMP to GND for stable operation.
7
IREF
The voltage at this pin sets the output current level. The current reference can be set using a
resistor divider from VCC pin.
8
GND
Ground return for all circuit.
9
FDBK
LED current sense input. Connect a sense resistor from LED strings to GND to regulate LED
output current.
10
OVP
Over-voltage protection sense input. When this pin voltage exceeds 1.2V, the GATE output of the
SM8205 is turned off and FAULT goes low. The IC will turn on again until input power is recycled.
11
SC
Slope compensation for current sense. A resistor between SC and GND will program the slope
compensation.
12
FAULT
External dimming MOSFET gate driver. This pin is pulled to Ground when there is an output short
circuit or output over voltage fault conditions, and then disconnect the load from voltage source.
13
CS
Current sense positive input. Connected to external current sense resistor which in turn is
connected to the source of the external power N-MOSFET as well as an external slope
compensation resistor.
14
GATE
Output gate driver pin to drive an external N-channel power MOSFET.
15
VDD
This pin is a regulated 10V supply for two gate driver (GATE and FAULT), It must be bypassed
with a low-ESR ceramic capacitor at least 1.0uF to GND.
VIN
16
Power supply input pin. Voltage input range from 8V to 46V, place a bypass capacitor 1uF~10uF
to ground as close to the device as possible in the circuit board layout.
Part Number
Marking
SM8205SL
△
xxxxxx
SM8205SL
Tube
50
2
www.samhop.com.tw
Rev. 2.0 @ 2011/10
Note: The letter “S” is marked for SOP package, and Letter “L” is
marked for Lead Free parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com