Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8205SL Datasheet(PDF) 13 Page - SamHop Microelectronics Corp.

Part # SM8205SL
Description  High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8205SL Datasheet(HTML) 13 Page - SamHop Microelectronics Corp.

Back Button SM8205SL Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 9Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 10Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 11Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 12Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 13Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
PACKAGE DIMENSIONS
SM8205 16 PIN SOP
SM8205
13
www.samhop.com.tw
Rev. 2.0 @ 2011/10
16
9
1
8
E
X
Y
C1
C2
D
B
e
A
A1
C
L
H
RECOMMENDED LAND PATTERN
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
A1
B
C
D
E
e
H
L
θ°
X
Y
C1
C2
θ°
0.0532
0.0688
1.35
1.75
0.0040
0.0096
0.10
0.25
0.013
0.020
0.33
0.51
0.0075
0.0096
0.19
0.25
0.3859
0.3937
9.80
10.00
0.1497
0.1574
3.80
4.00
0.2284
0.2440
5.80
6.20
0.050 BSC.
1.27 BSC.
0.016
0°
0.050
8°
0.40
0°
1.27
8°
0.0236
0.60
0.0590
1.50
0.2125
5.4
0.0499
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com