Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1221 Datasheet (PDF) - Dallas Semiconductor

DS1221 Datasheet PDF - Dallas Semiconductor
Part # DS1221
Download  DS1221 Download
File Size   134.18 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Nonvolatile Controller x 4 Chip

DS1221 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1221 Datasheet PDF - Dallas Semiconductor

Part # DS1221
Download  DS1221 Click to download

File Size   134.18 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Nonvolatile Controller x 4 Chip

DS1221 Datasheet (HTML) - Dallas Semiconductor


DS1221 Product details

DESCRIPTION

The DS1221 Nonvolatile Controller x 4 Chip is a CMOS circuit which solves the application problem of converting CMOS RAMs into nonvolatile memories. Incoming power is monitored for an out-of tolerance condition. When such a condition is detected, the chip enable outputs are inhibited to accomplish write protection and the battery is switched on to supply RAMs with uninterrupted power. An optional security code prevents unauthorized users from obtaining access to the memory space. The nonvolatile controller/decoder circuitry uses a low-leakage CMOS process which affords precise voltage detection at extremely low battery consumption. By combining the DS1221 with up to four CMOS memories and lithium batteries, nonvolatile operation can be achieved.



FEATURES

■ Converts CMOS RAMs into nonvolatile memories

■ Data is automatically protected during power loss

■ 2-to-4 decoder provides for up to 4 CMOS RAMs

■ Provides for redundant batteries

■ Test battery condition on power-up

■ Full ±10% operating range

■ Unauthorized access can be prevented with optional security feature

■ 16-pin 0.3-inch DIP saves PC board space

■ Optional 16-pin SOIC surface mount package

■ Optional industrial temperature range of -40°C to +85°C available



 




Similar Part No. - DS1221

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1221 TTELEC-DS1221 Datasheet
623Kb / 3P
Platon Screwed Metal Tube VA Flowmeter
logo
Maxim Integrated Produc...
DS1221 MAXIM-DS1221 Datasheet
139Kb / 8P
Nonvolatile Controller x 4 Chip
111899
More results


Similar Description - DS1221

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1210 DALLAS-DS1210 Datasheet
69Kb / 6P
Nonvolatile Controller Chip
DS1211 DALLAS-DS1211 Datasheet
14Kb / 1P
Nonvolatile Controller x 8 Chip
DS1212 DALLAS-DS1212 Datasheet
85Kb / 7P
Nonvolatile Controller x 16 Chip
DS1218 DALLAS-DS1218 Datasheet
50Kb / 4P
Nonvolatile Controller
DS1210 DALLAS-DS1210_03 Datasheet
137Kb / 6P
Nonvolatile Controller Chip
logo
Maxim Integrated Produc...
DS1221 MAXIM-DS1221 Datasheet
139Kb / 8P
Nonvolatile Controller x 4 Chip
111899
DS1218 MAXIM-DS1218 Datasheet
344Kb / 7P
Nonvolatile Controller
19-6295; Rev 6/12
DS1212 MAXIM-DS1212 Datasheet
91Kb / 7P
Nonvolatile Controller x 16 Chip
111899
DS1211 MAXIM-DS1211 Datasheet
19Kb / 1P
Nonvolatile Controller x 8 Chip
111899
DS1210 MAXIM-DS1210 Datasheet
363Kb / 8P
Nonvolatile Controller Chip
19-6294; Rev 6/12
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com