Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1221 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1221
Description  Nonvolatile Controller x 4 Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1221 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1221 Datasheet HTML 1Page - Dallas Semiconductor DS1221 Datasheet HTML 2Page - Dallas Semiconductor DS1221 Datasheet HTML 3Page - Dallas Semiconductor DS1221 Datasheet HTML 4Page - Dallas Semiconductor DS1221 Datasheet HTML 5Page - Dallas Semiconductor DS1221 Datasheet HTML 6Page - Dallas Semiconductor DS1221 Datasheet HTML 7Page - Dallas Semiconductor DS1221 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS1221
4 of 8
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
Short Circuit Output Current
20 mA
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCCI
4.5
5.0
5.5
V
1
Logic 1 Input
VIH
2.2
VCC+0.3
V
1
Logic 0 Input
VIL
-0.3
+0.8
V
1
Battery Input
VBAT1,
VBAT2
2.0
4.0
V
1, 2
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
CC = 4.5 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICCI
5mA
3
Supply Voltage
VCCO
VCC-0.2
V
1
Supply Current
ICCO1
80
mA
4, 10
Input Leakage
IIL
-1.0
+1.0
µA
Output Leakage
ILO
-1.0
+1.0
µA
CE0
- CE3 , DQ
Output @ 2.4V
IOH
-1.0
mA
5
CE0
- CE3 , DQ
Output @ 0.4V
IOL
4.0
mA
5
VCC Trip Point
VCCTP
4.25
4.37
4.50
V
1
(0
°C to 70°C; V
CC < 4.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE0
- CE3 Output
VOHL
VCC-0.2
VBAT-0.2
V
VBAT1 or VBAT2
Battery Current
IBAT
0.1
µA
3
Battery Backup Current
@ VCCO = VBAT - 0.5V
ICCO2
100
µA
6, 7, 10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com