Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6213 Datasheet (PDF) - Exar Corporation

SP6213 Datasheet PDF - Exar Corporation
Part # SP6213
Download  SP6213 Download
File Size   278.44 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Micropower, SC-70, 100mA CMOS LDO Regulator

SP6213 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6213 Datasheet PDF - Exar Corporation

Part # SP6213
Download  SP6213 Click to download

File Size   278.44 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Micropower, SC-70, 100mA CMOS LDO Regulator

SP6213 Datasheet (HTML) - Exar Corporation


SP6213 Product details

DESCRIPTION
The SP6213/4 is a 100mA CMOS linear voltage regulator offered in an SC-70 package that reduces board space requirements by 50% over a SOT-23 package. The SP6213/4 features low dropout voltage (250mV at 100mA ), low ground current (135µA at full load) and low, 65µA quiescent current. Designed specifically for hand-held, battery powered devices, the device includes an enable/shutdown pin. Regulator ground current increases only slightly in dropout to extend battery life. The SP6213/4 is offered in an industry standard 5-pin SC-70 package. SP6213/4 is available in 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V and 5.0V fixed output voltages.

FEATURES
■ Tiny 5-pin SC-70 Package
■ Guaranteed 100 mA Output
■ 2.5% Output Voltage Accuracy
■ Low Dropout Voltage: 250 mV at 100mA
■ Low Quiescent Current: 65 µA
■ Low Ground Current: 135 µA @ IL = 100mA
■ Low Shutdown Current: 1µA MAX
■ Current Limit: 190mA
■ Thermal Shutdown: 168°C
■ Good Load and Line Regulation
■ Fast Transient Response: TON/TOFF=80µs
■ Low Temperature Coefficient
■ Unconditionally Stable with 1µF Ceramic
■ Fixed Outputs: 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 5V
■ 100mA Replacement for 80mA MIC5213 & TC1016 (SP6213)
■ 100mA Replacement for 80mA NCP512 (SP6214)

APPLICATIONS
■ Digital Cordless Phones
■ Cellular Phones
■ PDAs
■ Digital Still Cameras
■ MP3 Players
■ Battery-Powered Equipment
■ Medical Devices
■ Data Cable




Similar Part No. - SP6213

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
260Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213EC5-1.8 SIPEX-SP6213EC5-1.8 Datasheet
696Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213EC5-1.8 SIPEX-SP6213EC5-1.8 Datasheet
260Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213EC5-1.8/TR SIPEX-SP6213EC5-1.8/TR Datasheet
260Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
More results


Similar Description - SP6213

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
Micropower, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
logo
Sipex Corporation
SP6214 SIPEX-SP6214 Datasheet
260Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6213EC5-L-1-8 SIPEX-SP6213EC5-L-1-8 Datasheet
278Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com