Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet (PDF) - Sipex Corporation

SP6200 Datasheet PDF - Sipex Corporation
Part # SP6200
Download  SP6200 Download
File Size   144.42 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Micropower, 100mA and 200mA CMOS LDO Regulators

SP6200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6200 Datasheet PDF - Sipex Corporation

Part # SP6200
Download  SP6200 Click to download

File Size   144.42 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Micropower, 100mA and 200mA CMOS LDO Regulators

SP6200 Datasheet (HTML) - Sipex Corporation


SP6200 Product details

DESCRIPTION
The SP6200 and SP6201 are CMOS LDOs designed to meet a broad range of applications that require accuracy, speed and ease of use. These LDOs offer extremely low quiescent current which only increases slightly under load, thus providing advantages in ground current performance over bipolar LDOs. The LDOs handle an extremely wide load range and guarantee stability with a 1µF ceramic output capacitor. They have excellent low frequency PSRR, not found in other CMOS LDOs and thus offer exceptional Line Regulation. High frequency PSRR is better than 40dB up to 400kHz. Load Regulation is excellent and temperature stability is comparable to bipolar LDOs. An enable feature is provided on all versions.

FEATURES
■ Tiny DFN Package (2mmX3mm)
■ Low Dropout Voltage: 160mV @ 100mA
■ High Output Voltage Accuracy: 2%
■ Ultra Low Shutdown Current: 1µA Max
■ Ultra Low GND Current:
   • 200µA @ 200mA Load
   • 28µA @ 100µA Load
■ Extremely Tight Load and Line Regulation
■ Current and Thermal Limiting
■ RESET Output (VOUT good)
■ Logic-Controlled Electronic Enable
■ Unconditionally Stable with 1µF Ceramic
■ Fixed Outputs:
   • 1.5V, 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 3.5V, 5V
■ Adjustable Output Available

APPLICATIONS
■ Cellular Telephones
■ Laptop, Notebooks and Palmtop Computers
■ Battery-Powered Equipment
■ Consumer/ Personal Electronics
■ SMPS Post-Regulator
■ DC-to-DC Modules
■ Medical Devices
■ Data Cable
■ Pagers




Similar Part No. - SP6200

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6200 EXAR-SP6200 Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6200EM5-1-5 SIPEX-SP6200EM5-1-5 Datasheet
426Kb / 17P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200EM5-1-8 SIPEX-SP6200EM5-1-8 Datasheet
426Kb / 17P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200EM5-1.5 SIPEX-SP6200EM5-1.5 Datasheet
426Kb / 17P
Micropower, 100mA and 200mA CMOS LDO Regulators
More results


Similar Description - SP6200

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
Micropower, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
1ch 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
1ch 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com