Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6200
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6200 Datasheet HTML 2Page - Sipex Corporation SP6200 Datasheet HTML 3Page - Sipex Corporation SP6200 Datasheet HTML 4Page - Sipex Corporation SP6200 Datasheet HTML 5Page - Sipex Corporation SP6200 Datasheet HTML 6Page - Sipex Corporation SP6200 Datasheet HTML 7Page - Sipex Corporation SP6200 Datasheet HTML 8Page - Sipex Corporation SP6200 Datasheet HTML 9Page - Sipex Corporation SP6200 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
An accurate Vout good indicator is provided on
all the fixed output version devices, pin 4 (RSN),
Figure 1. This is an open drain, logic output that
can be used to hold a microprocessor or micro-
controller in a RESET condition when it's power
supplied by Vout is 4% out of nominal regula-
tion. A 1% hysteresis is included in the Reset
Not function, so that false alarms are not issued
as a result of LDO's output noise. The Reset Not
function reacts in 10 to 50
µs.
Adjustable Output Version
The adjustable version can be programmed to
any voltage from 2.7V to 6V for the industrial
temperature range; 2.5V to 6V for the commer-
cial temperature range. The output can not be
programmed below 2.5V due a headroom re-
striction. Since the bandgap is bootstrapped to
the output, the output voltage must be above the
minimum bandgap supply voltage. The bandgap
requires 2.7V or greater at -40
°C and requires
2.5V or greater at 0
°C.
The regulator's output can be adjusted to a
specific output voltage by using two external
resistors, Figure 2. The resistor's set the output
voltage based on the following equation:
VOUT = 1.25 (R2/R1 + 1)
Resistor values are not critical because the ADJ
node has a high input impedance, but for best
results use resistors of 470k
Ω or less. A capaci-
tor from ADJ to Vout pin provides improved
noise performance as is shown in the following
plot.
Noise Performance 10Hz to 100kHz
Adj, Vin = 4.3V, Vout = 3.3V (Cin = Cout = 1uF)
100
200
300
400
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
Bypass Cap from Vout to FB (pF)
THEORY OF OPERATION: Continued
Reset Not (VOUT good) Output
Input Capacitor
A small capacitor, 1
µF or higher, is required
from VIN to GND to create a high frequency
bypass for the LDO amplifier. Any ceramic or
tantalum capacitor may be used at the input.
Capacitor ESR (effective series resistance)
should be smaller than 3
Ω.
Output Capacitor
An output capacitor is required between VOUT
and GND to prevent oscillation. A capacitance
as low as 0.22
µF can fulfill stability require-
ments in most applications. A 1
µF capacitor
will ensure unconditional stability from no load
to full load over the entire input voltage, output
voltage and temperature range. Larger capacitor
values improve the regulator's transient response.
The output capacitor value may be increased
without limit. The output capacitor should have
an ESR (effective series resistance) below 5
Ω
and a resonant frequency above 1MHz.
No Load Stability
The SP6200/6201 will remain stable and in
regulation with no external load (other than the
internal voltage driver) unlike many other volt-
age regulators. This is especially important in
CMOS RAM keep-alive applications.
Thermal Considerations
The SP6200 is designed to provide 100mA of
continuous current, while the SP6201 will pro-
vide 200mA of continuous current. Maximum
power dissipation can be calculated based on the
output current and the voltage drop across the
part. To determine the maximum power dissipa-
tion in the package, use the junction-to-ambient
thermal resistance of the device and the follow-
ing basic equation:
PD =
(TJ(max) - TA)
θJA
TJ(max) is the maximum junction temperature of
the die and is 125
°C. TA is the ambient operating.
θJA is the junction-to-ambient thermal resistance
for the regulator and is layout dependent.
The actual power dissipation of the regulator
circuit can be determined using one simple



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com