Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6200
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6200 Datasheet HTML 1Page - Sipex Corporation SP6200 Datasheet HTML 2Page - Sipex Corporation SP6200 Datasheet HTML 3Page - Sipex Corporation SP6200 Datasheet HTML 4Page - Sipex Corporation SP6200 Datasheet HTML 5Page - Sipex Corporation SP6200 Datasheet HTML 6Page - Sipex Corporation SP6200 Datasheet HTML 7Page - Sipex Corporation SP6200 Datasheet HTML 8Page - Sipex Corporation SP6200 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS, NOTE 1
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
Supply Input Voltage (V
IN) ............................. -2V to 7V
Output Voltage (V
OUT) ......................... -0.6 to (VIN +1V)
Enable Input Voltage (V
EN) ............................ -2V to 7V
Power Dissipation (P
D) .......... Internally Limited, Note 3
Lead Temperature (soldering 5s) ....................... 260°C
Storage Temperature ........................ -65˚C to +150˚C
OPERATING RATINGS, NOTE 2
Input Voltage (V
IN)..................................+2.5V to +6V
Enable Input Voltage (V
EN)..........................0V to +6V
Junction Temperature (T
J)................-40˚C to +125˚C
Thermal Resistance (See Note 3):
SOT-23-5 (θ
JA)...................................................90˚C/W
8 Pin DFN (θ
JA)............................................ .....59˚C/W
(See Note 3)
V
IN = VOUT +1V, VO = 5V for ADJ, IL = 100µA, CIN = 1.0µF, COUT = 1.0µF, TJ = 25
°C , unless otherwise specified. The ♦ denotes the specifications
which apply over the full operating temperature range, unless otherwise specified.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
Output Voltage Accuracy, (VO)-22
%
Variation from specified VOUT
-3
3
%
Reference Voltage
1.213
1.250
1.287
V
Adjustable version only
Output Voltage Temperature
60
ppm/ °C
Coefficient, Note 4, (∆VO/∆T)
Minimum Supply Voltage
2.50
2.70
V
IL = 100µA
2.55
2.80
V
IL = 50mA
2.70
2.95
V
IL = 100mA
3.00
3.50
V
IC = 200mA
Line Regulation, (∆VO/ VIN)
0.03
0.2
%/ V
VIN = (VOUT + 1V) to 6V
Load Regulation, Note 5, (∆VO / VO)
0.07
0.25
%
IL = 0.1mA to 100mA, SP6200
0.14
0.50
%
IL = 0.1mA to 200mA, SP6201
SP6200-1.5V & 1.8 Load Regulation
0.3
1
%
IL = 0.1mA to 100mA, VIN = 2.95V
SP6201-1.5V & 1.8 Load Regulation
0.3
1
%
IL = 0.1mA to 200mA, VIN = 3.5V
Dropout Voltage, Note 6, (VIN – VO)
0.2
4
mV
IL = 100µA
(Not applicable to voltage options below
7
mV
2.7V)
70
120
mV
IL = 50mA
160
mV
160
250
mV
IL = 100mA
300
mV
320
400
mV
IL = 200mA, SP6201 Only
500
mV
Shutdown Quiescent Current, (IGND)
0.01
1
µA
VEN ≥ 0.4V
Ground Pin Current, Note 7, (IGND)28
40
µAVEN ≥ 2.0V, IL = 100µA
45
µA
110
200
µAVEN ≥2.0V, IL = 100mA, SP6200
250
µA
only (for 1.5 & 1.8, VIN = 2.95)
200
400
µAVEN ≥2.0V, IL = 200mA, SP6201
500
µA
Only (for 1.5 & 1.8, VIN = 3.5)
Power Supply Rejection Ratio,
78
Frequency =100Hz, IL =10mA
(PSRR)
40
dB
Frequency = 400Hz, IL=10mA
Current Limit, (ICL)
100
140
200
mA
SP6200
300
420
600
mA
SP6201
Thermal Limit
162
°C
Turns On
147
°C
Turns Off



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com