Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7628 Datasheet (PDF) - Exar Corporation

MP7628 Datasheet PDF - Exar Corporation
Part # MP7628
Download  MP7628 Download
File Size   124.54 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter

MP7628 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7628 Datasheet PDF - Exar Corporation

Part # MP7628
Download  MP7628 Click to download

File Size   124.54 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter

MP7628 Datasheet (HTML) - Exar Corporation


MP7628 Product details

GENERAL DESCRIPTION
The MP7628 is a quad 8-bit Digital-to-Analog Converter designed using a decoded DAC architecture featuring excellent DAC-to-DAC matching and guaranteed monotonicity.

FEATURES
• Readback Capability for all DACs
• On-Chip Latches for All DACs
• Linearity Grades to +1/8 LSB
• Single Supply Voltage (5 Volt)
• DACs Matched to 1%
• Four Quadrant Multiplication
• Microprocessor TTL/CMOS Compatible
• Latch-Up Free
• Dual Version: MP7529B

APPLICATIONS
• Microprocessor Controlled Gain and Attenuation Circuits
• Microprocessor Controlled/Programmable Power Supplies
• Hardware Redundant Applications Requiring Data Readback




Similar Part No. - MP7628

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP7626JD EXAR-MP7626JD Datasheet
118Kb / 12P
Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP7626JN EXAR-MP7626JN Datasheet
118Kb / 12P
Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP7626JP EXAR-MP7626JP Datasheet
118Kb / 12P
Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP7626KD EXAR-MP7626KD Datasheet
118Kb / 12P
Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
More results


Similar Description - MP7628

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Hitachi Semiconductor
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
8-Bit Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP7529B EXAR-MP7529B Datasheet
114Kb / 12P
5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
8-Bit Multiplying Digital to Analog Converter
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com