Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7614 Datasheet (PDF) - Exar Corporation

MP7614 Datasheet PDF - Exar Corporation
Part # MP7614
Download  MP7614 Download
File Size   91.09 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter

MP7614 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7614 Datasheet PDF - Exar Corporation

Part # MP7614
Download  MP7614 Click to download

File Size   91.09 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter

MP7614 Datasheet (HTML) - Exar Corporation


MP7614 Product details

GENERAL DESCRIPTION
The MP7614 is a high density 14-bit CMOS multiplying Digital-to-Analog Converter. Silicon nitride passivation and untrimmed silicon chromium resistors have been combined to provide long term stability and reliability. Using the most significant bit (MSB) segmentation technique, the MP7614 features 13-bit (0.012%) differential and 12-bit (0.01%) integral linearity.

FEATURES
• Full Four-Quadrant Multiplication
• Excellent Stability Over Temperature and Time
• Guaranteed Monotonic
• TTL/5 V CMOS Compatible
• Low Sensitivity to Output Amplifier VOS
• Low Glitch Energy
• 16-Bit Version: MP7616




Similar Part No. - MP7614

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AP EXAR-MP7610AP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AS EXAR-MP7610AS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BP EXAR-MP7610BP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BS EXAR-MP7610BS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
More results


Similar Description - MP7614

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com