Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7610AP Datasheet (PDF) - Exar Corporation

MP7610AP Datasheet PDF - Exar Corporation
Part # MP7610AP
Download  MP7610AP Download
File Size   571.25 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic

MP7610AP Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7610AP Datasheet PDF - Exar Corporation

Part # MP7610AP
Download  MP7610AP Click to download

File Size   571.25 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic

MP7610AP Datasheet (HTML) - Exar Corporation


MP7610AP Product details

GENERAL DESCRIPTION
The MP7610 provides eight independent 14-bit resolution Digital-to-Analog Converters with voltage output amplifiers and a 3-wire standard serial digital address and data port.
The output amplifier is capable of sinking and sourcing 5mA, and the output voltage settles to 12-bits in less than 30ms (typ.).
The MP7610 is equipped with a serial data (3-wire standard) m-processor logic interface to reduce pin count, package size, and board space.

FEATURES
• Eight Independent 14-Bit DACs with Output Amplifiers
• Low Power 320 mW (typ.)
• Serial Digital Data and Address Port (3-Wire Standard)
• 14-Bit Resolution, 12-Bit Accuracy
• Extremely Well Matched DACs
• Extremely Low Analog Ground Current (<60μA/Channel)
• ±10 V Output Swing with ±11.4 V Supplies
• Zero Volt Output Preset (Data = 10 .. 00)
• Rugged Construction -- Latch-Up Free
• Parallel Version: MP7611

APPLICATIONS
• Data Acquisition Systems
• ATE
• Process Control
• Self-Diagnostic Systems
• Logic Analyzers
• Digital Storage Scopes
• PC Based Controller/DAS




Similar Part No. - MP7610AP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7611 EXAR-MP7611 Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
MP7611AE EXAR-MP7611AE Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
MP7611AP EXAR-MP7611AP Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
MP7611BE EXAR-MP7611BE Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
MP7611BP EXAR-MP7611BP Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
More results


Similar Description - MP7610AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
8-Bit mp-compatible D/A converter
August 31, 1994
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
10-Bit mP-compatible D/A converter
August 31, 1994
logo
fujitsu semiconductor
MB88344 FUJITSU-MB88344 Datasheet
347Kb / 23P
8-Bit D/A Converter with Operational Amplifier Output Buffers
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
Serial Output 5.6us 12-Bit A/D Converter
logo
Exar Corporation
MP7611 EXAR-MP7611 Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
logo
Texas Instruments
ADC0831B TI-ADC0831B Datasheet
151Kb / 9P
A/D PERIPHERALS WITH SERIAL CONTROL
logo
Exar Corporation
MP7613 EXAR-MP7613 Datasheet
219Kb / 16P
Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
logo
Texas Instruments
ADC0834A TI-ADC0834A Datasheet
176Kb / 13P
A/D PERIPHERALS WITH SERIAL CONTROL
logo
Exar Corporation
MP7612 EXAR-MP7612 Datasheet
231Kb / 20P
Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
logo
National Semiconductor ...
DAC1054 NSC-DAC1054 Datasheet
263Kb / 14P
Quad 10-Bit Voltage-Output Serial D/A Converter with Readback
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com