Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7613 Datasheet (PDF) - Exar Corporation

MP7613 Datasheet PDF - Exar Corporation
Part # MP7613
Download  MP7613 Download
File Size   219.73 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic

MP7613 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7613 Datasheet PDF - Exar Corporation

Part # MP7613
Download  MP7613 Click to download

File Size   219.73 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic

MP7613 Datasheet (HTML) - Exar Corporation


MP7613 Product details

GENERAL DESCRIPTION
The MP7613 provides eight independent 12-bit resolution Digital-to-Analog Converters with voltage output amplifiers and a parallel digital address and data port.
Built on using an advanced linear BiCMOS, these devices offer rugged solutions that are latch-up free, and take advantage of EXAR’s patented thin-film resistor process which exhibits excellent long term stability and reliability.
A standard µ-processor and TTL/CMOS compatible 12-bit input data port loads the data into the pre-selected DACS.

FEATURES
• Eight Independent Channel 12-Bit DACs with Output Amplifiers
• Low Power 320 mW (typ.)
• Parallel Digital Data and Address Port
• Double Buffered Data Interface
• Readback of DAC Latches
• Zero Volt Output Preset (Data = 10 .. 00)
• 12-Bit Resolution, 11-Bit Accuracy
• Extremely Well Matched DACs
• Extremely Low Analog Ground Current (<60µA/Channel)
• ±10 V Output Swing with ±11.4 V Supplies
• Rugged Construction – Latch-Up Proof
• Serial Version: MP7612

APPLICATIONS
• Data Acquisition Systems
• ATE
• Process Control
• Self-Diagnostic Systems
• Logic Analyzers
• Digital Storage Scopes
• PC Based Controller/DAS




Similar Part No. - MP7613

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AP EXAR-MP7610AP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AS EXAR-MP7610AS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BP EXAR-MP7610BP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BS EXAR-MP7610BS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
More results


Similar Description - MP7613

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
logo
Exar Corporation
MP7611 EXAR-MP7611 Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Exar Corporation
MP7612 EXAR-MP7612 Datasheet
231Kb / 20P
Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com