Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7613 Datasheet(PDF) 5 Page - Exar Corporation

Part # MP7613
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7613 Datasheet(HTML) 5 Page - Exar Corporation

  MP7613 Datasheet HTML 1Page - Exar Corporation MP7613 Datasheet HTML 2Page - Exar Corporation MP7613 Datasheet HTML 3Page - Exar Corporation MP7613 Datasheet HTML 4Page - Exar Corporation MP7613 Datasheet HTML 5Page - Exar Corporation MP7613 Datasheet HTML 6Page - Exar Corporation MP7613 Datasheet HTML 7Page - Exar Corporation MP7613 Datasheet HTML 8Page - Exar Corporation MP7613 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP7613
5
Rev. 2.00
25
°C
Tmin to Tmax
ELECTRICAL CHARACTERISTICS (CONT’D)
Specifications are subject to change without notice
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
DIGITAL INPUTS3
Logic High
VIH
2.4
V
Logic Low
VIL
0.8
V
Input Current
IL
+10
µA
Input Capacitance1
CL
8pF
ANALOG OUTPUTS
Output Swing
–VEE +1.4
VCC –1.4
V
Output Drive Current
–5
5
mA
VREFN Output Drive Current
–10
+10
µA
For test purposes only
Output Impedance
RO
1
Ω
Output Short Circuit Current
ISC
25
mA
+FS to AGND
30
mA
+FS to VEE
40
mA
–FS to AGND
55
mA
–FS to VCC
DIGITAL OUTPUTS
Output High Voltage
VOH
4.5
V
Output Low Voltage
VOL
0.5
V
POWER SUPPLIES
VCC Voltage5
VCC
VREF+1.5 12
12.75
VREF+1.5 12.75
V
VEE Voltage5
VEE –12.75
–12
–5
–12.75
–5
V
DVDD Voltage
DVDD
4.5
5
5.5
4.5
5.5
V
Positive Supply Current
ICC
8
10
10
mA
Bipolar zero
Negative Supply Current
IEE
15
20
20
mA
Bipolar zero
Digital Supply Current
IDD
2
2
mA
Bipolar zero
Power Dissipation
PDISS
320
420
450
mW
Bipolar zero
ANALOG GROUND CURRENT
Per Channel1
IAGND
±60
µA
See Application Notes
DIGITAL TIMING
SPECIFICATIONS1,4
VIL = 0 V, VIH = 5 V, CL = 20 pF
Data Setup Time
tDS
20
ns
Data Hold Time
tDH
20
ns
Address Set-up Time
tAS
100
ns
Address Hold Time
tAH
0ns
Chip Select to LD1 Set-up Time
tCS1
6ns
Chip Select to LD1 Hold Time
tCH1
0ns
LD1 Pulse Width
tLD1W
50
ns
LD1 Negative Edge to LD2
tLD1LD2
60
ns
Positive Edge
LD2 Pulse Width
tLD2W
60
ns
Chip Select to RD Set-Up Time
tCS2
6ns
Chip Select to RD Hold Time
tCH2
0ns
RD Pulse Width
tRD
600
ns
High Z to Data Valid for Readback
tDA
600
ns
Data Valid for Readback to High Z
tDR
200
ns
R1 Pulse Width
R1W
100
ns
R2 Pulse Width
R2W
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com