Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7613 Datasheet(PDF) 13 Page - Exar Corporation

Part # MP7613
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7613 Datasheet(HTML) 13 Page - Exar Corporation

Back Button MP7613 Datasheet HTML 8Page - Exar Corporation MP7613 Datasheet HTML 9Page - Exar Corporation MP7613 Datasheet HTML 10Page - Exar Corporation MP7613 Datasheet HTML 11Page - Exar Corporation MP7613 Datasheet HTML 12Page - Exar Corporation MP7613 Datasheet HTML 13Page - Exar Corporation MP7613 Datasheet HTML 14Page - Exar Corporation MP7613 Datasheet HTML 15Page - Exar Corporation MP7613 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP7613
13
Rev. 2.00
A
––
3.15
––
0.124
A1
0.25
––
0.01
––
A2
2.6
2.8
0.102
0.110
B
0.3
0.4
0.012
0.016
C
0.13
0.23
0.005
0.009
D
16.95
17.45
0.667
0.687
D1
13.9
14.1
0.547
0.555
e
1.00 BSC
0.039 BSC
L
0.65
1.03
0.026
0.040
α
0
°
7
°
0
°
7
°
Coplanarity = 4 mil max.
44 LEAD PLASTIC QUAD FLAT PACK
(14mm x 14mm PQFP, METRIC)
Q44
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
33
23
22
12
111
34
44
D
D1
D
D1
B
e
L
α
A2
C
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com