Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7613 Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7613
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7613 Datasheet(HTML) 1 Page - Exar Corporation

  MP7613 Datasheet HTML 1Page - Exar Corporation MP7613 Datasheet HTML 2Page - Exar Corporation MP7613 Datasheet HTML 3Page - Exar Corporation MP7613 Datasheet HTML 4Page - Exar Corporation MP7613 Datasheet HTML 5Page - Exar Corporation MP7613 Datasheet HTML 6Page - Exar Corporation MP7613 Datasheet HTML 7Page - Exar Corporation MP7613 Datasheet HTML 8Page - Exar Corporation MP7613 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP7613
1
Rev. 2.00
FEATURES
• Eight Independent Channel 12-Bit DACs with
Output Amplifiers
• Low Power 320 mW (typ.)
• Parallel Digital Data and Address Port
• Double Buffered Data Interface
• Readback of DAC Latches
• Zero Volt Output Preset (Data = 10 .. 00)
• 12-Bit Resolution, 11-Bit Accuracy
• Extremely Well Matched DACs
• Extremely Low Analog Ground Current (<60µA/Channel)
Octal 12-Bit DAC ArrayTM
D/A Converter with Output Amplifier
and Parallel Data/Address
µP Control Logic
• +10 V Output Swing with +11.4 V Supplies
• Rugged Construction – Latch-Up Proof
• Serial Version: MP7612
APPLICATIONS
• Data Acquisition Systems
• ATE
• Process Control
• Self-Diagnostic Systems
• Logic Analyzers
• Digital Storage Scopes
• PC Based Controller/DAS
GENERAL DESCRIPTION
The MP7613 provides eight independent 12-bit resolution
Digital-to-Analog Converters with voltage output amplifiers and
a parallel digital address and data port.
Built on using an advanced linear BiCMOS, these devices of-
fer rugged solutions that are latch-up free, and take advantage
of EXAR’s patented thin-film resistor process which exhibits ex-
cellent long term stability and reliability.
A standard
µ-processor and TTL/CMOS compatible 12-bit in-
put data port loads the data into the pre-selected DACS.
This device can easily be interfaced to a data bus, and digital
readback of each channel is available.
Typical DAC matching is 0.7 LSB across all codes. Accuracy
of +0.75 LSB for DNL and +1 LSB for INL is achieved for B grade
versions. The output amplifier is capable of sinking and sourc-
ing 5mA, and the output voltage settles to 12-bits in less than
30
µs (typ.).
SIMPLIFIED BLOCK DIAGRAM
VO0
VO7
+
–
+
–
LAT0B
LAT7B
VRP
VRN
VRP
VRN
DAC0
DAC7
DQ
XR XE
DQ
XR XE
12
12
LAT0A
DQ
XR XE
LAT7A
DQ
XR XE
RB0
RB7
XE0
XE7
VEE
VEE
VCC
VCC
AGND
AGND VREF
DGND DVDD
VRP
+
–
VRN
VRP
12
Bus
I/O
DB0 - DB11
12
XE0 - XE7
RB0 - RB7
Control
Logic
A0 - A2
LD1
RD
CS
R1
R2
LD2
3
8
8
VREFN


Similar Part No. - MP7613

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AP EXAR-MP7610AP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AS EXAR-MP7610AS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BP EXAR-MP7610BP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BS EXAR-MP7610BS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
More results

Similar Description - MP7613

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
logo
Exar Corporation
MP7611 EXAR-MP7611 Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Exar Corporation
MP7612 EXAR-MP7612 Datasheet
231Kb / 20P
Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com