Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7613 Datasheet(PDF) 14 Page - Exar Corporation

Part # MP7613
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7613 Datasheet(HTML) 14 Page - Exar Corporation

Back Button MP7613 Datasheet HTML 8Page - Exar Corporation MP7613 Datasheet HTML 9Page - Exar Corporation MP7613 Datasheet HTML 10Page - Exar Corporation MP7613 Datasheet HTML 11Page - Exar Corporation MP7613 Datasheet HTML 12Page - Exar Corporation MP7613 Datasheet HTML 13Page - Exar Corporation MP7613 Datasheet HTML 14Page - Exar Corporation MP7613 Datasheet HTML 15Page - Exar Corporation MP7613 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP7613
14
Rev. 2.00
A
0.082
0.10
2.08
2.54
b
0.016
0.020
0.406
0.508
D
0.841
0.859
21.4
21.8
D1
0.688
0.712
17.5
18.1
e
0.100 typ.
2.54 typ.
L1
0.170
0.190
4.32
4.83
Q
0.050 typ.
1.27 typ.
44 LEAD PIN GRID ARRAY
(PGA)
G44
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
D
D
D1
e
D1
HG
F
E
D
C
B
A
8
7
6
5
4
3
2
1
e
b
L1
Q
Seating Plane
Pin 1
1B2
2B1
3C2
4C1
5D2
6D1
7E1
8E2
9F1
10
F2
11
G1
12
G2
13
H2
14
G3
15
H3
CONNECTION TABLE
16
G4
17
H4
18
H5
19
G5
20
H6
21
G6
22
H7
23
G7
24
G8
25
F7
26
F8
27
E7
28
E8
29
D8
30
D7
31
C8
32
C7
33
B8
34
B7
35
A7
36
B6
37
A6
38
B5
39
A5
40
A4
41
B4
42
A3
43
B3
44
A2
PAD
PIN
PAD
PIN
PAD
PIN
Note: The letters A-H and numbers 1-8 are the coordinates
of a grid. For example, pin 1 is at the intersections of the “B”
vertical line and the “2” horizontal line.
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com