Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7613 Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7613
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7613 Datasheet(HTML) 3 Page - Exar Corporation

  MP7613 Datasheet HTML 1Page - Exar Corporation MP7613 Datasheet HTML 2Page - Exar Corporation MP7613 Datasheet HTML 3Page - Exar Corporation MP7613 Datasheet HTML 4Page - Exar Corporation MP7613 Datasheet HTML 5Page - Exar Corporation MP7613 Datasheet HTML 6Page - Exar Corporation MP7613 Datasheet HTML 7Page - Exar Corporation MP7613 Datasheet HTML 8Page - Exar Corporation MP7613 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP7613
3
Rev. 2.00
PIN OUT DEFINITIONS
29
1
N/C
No Connection
30
2
VO3
DAC 3 Output
31
3
VEE
Analog Negative Power Supply (–12 V)
32
4
VCC
Analog Positive Power Supply (+12 V)
33
5
DGND
Digital Ground (0 V)
34
6
VREF
Analog Positive Voltage Reference
Input (+5 V)
35
7
VREFN
Analog Negative Voltage Reference
Output (–2.5 V)
36
8
VCC
Analog Positive Power Supply (+12 V)
37
9
VEE
Analog Negative Power Supply (–12 V)
38
10
VO4
DAC 4 Output
39
11
N/C
No Connection
40
12
VO5
DAC 5 Output
41
13
VO6
DAC 6 Output
42
14
VO7
DAC 7 Output
43
15
AGND
Analog Ground ( 0 V)
44
16
CS
Chip Select Enable
117
RD
Read Back Enable
218
R2
Second–Latch-Bank Reset Enable
319
R1
First–Latch-Bank Reset Enable
4
20
LD2
Second–Latch-Bank Load Enable
5
21
LD1
First–Latch-Bank Load Enable
6
22
A2
Digital Address Bit 2
7
23
A1
Digital Address Bit 1
8
24
A0
Digital Address Bit 0
9
25
N/C
No Connection
10
26
N/C
No Connection
11
27
DB0
Digital Input Data Bit 0 (LSB)
12
28
DB1
Digital Input Data Bit 1
13
29
DB2
Digital Input Data Bit 2
14
30
DB3
Digital Input Data Bit 3
15
31
DB4
Digital Input Data Bit 4
16
32
DB5
Digital Input Data Bit 5
17
33
DB6
Digital Input Data Bit 6
18
34
DB7
Digital Input Data Bit 7
19
35
DB8
Digital Input Data Bit 8
20
36
DB9
Digital Input Data Bit 9
21
37
DB10
Digital Input Data Bit 10
22
38
DB11
Digital Input Data Bit 11 (MSB)
23
39
DVDD
Digital Positive Power Supply (+5 V)
24
40
DGND
Digital Ground (0 V)
25
41
AGND
Analog Ground (0 V)
26
42
VO0
DAC 0 Output
27
43
VO1
DAC 1 Output
28
44
VO2
DAC 2 Output
PLCC
PIN NO.
DESCRIPTION
NAME
PQFP & PGA
PIN NO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com