Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7613 Datasheet(PDF) 10 Page - Exar Corporation

Part # MP7613
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7613 Datasheet(HTML) 10 Page - Exar Corporation

Back Button MP7613 Datasheet HTML 6Page - Exar Corporation MP7613 Datasheet HTML 7Page - Exar Corporation MP7613 Datasheet HTML 8Page - Exar Corporation MP7613 Datasheet HTML 9Page - Exar Corporation MP7613 Datasheet HTML 10Page - Exar Corporation MP7613 Datasheet HTML 11Page - Exar Corporation MP7613 Datasheet HTML 12Page - Exar Corporation MP7613 Datasheet HTML 13Page - Exar Corporation MP7613 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP7613
10
Rev. 2.00
PERFORMANCE CHARACTERISTICS
Graph 1. Typical Output Settling Characteristic
VREF = 5 V, RL = 5K, CL = 500pF
11 V
0 V
–11 V
2.5mV
0 V
–2.5mV
VOUT
VOUT Settling
50
µs/Division
Graph 1 shows the typical output settling characteristic of the MP7610 Family for a RESET
!ZS!FS!ZS series
of code transitions. The top graph shows the output voltage transients, while the bottom graph shows the differ-
ence between the output and the ideal output.
Graph 2. Linearity with
VREF = 5 V, All DACs, All Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com