Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7610AP Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7610AP
Description  D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7610AP Datasheet(HTML) 1 Page - Exar Corporation

  MP7610AP Datasheet HTML 1Page - Exar Corporation MP7610AP Datasheet HTML 2Page - Exar Corporation MP7610AP Datasheet HTML 3Page - Exar Corporation MP7610AP Datasheet HTML 4Page - Exar Corporation MP7610AP Datasheet HTML 5Page - Exar Corporation MP7610AP Datasheet HTML 6Page - Exar Corporation MP7610AP Datasheet HTML 7Page - Exar Corporation MP7610AP Datasheet HTML 8Page - Exar Corporation MP7610AP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP7610
Rev. 4.01
1
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 z (510) 668-7000 z (510) 668-7017
E
1998
FEATURES
· Eight Independent 14-Bit DACs with Output Amplifiers
· Low Power 320 mW (typ.)
· Serial Digital Data and Address Port (3-Wire Standard)
· 14-Bit Resolution, 12-Bit Accuracy
· Extremely Well Matched DACs
· Extremely Low Analog Ground Current (<60mA/Channel)
· +10 V Output Swing with +11.4 V Supplies
· Zero Volt Output Preset (Data = 10 .. 00)
· Rugged Construction -- Latch-Up Free
· Parallel Version: MP7611
Octal 14-Bit DAC ArrayTM
D/A Converter with Output Amplifier
and Serial Data/Address mP Control Logic
APPLICATIONS
· Data Acquisition Systems
· ATE
· Process Control
· Self-Diagnostic Systems
· Logic Analyzers
· Digital Storage Scopes
· PC Based Controller/DAS
June 1998-3
GENERAL DESCRIPTION
The MP7610 provides eight independent 14-bit resolution
Digital-to-Analog Converters with voltage output
amplifiers and a 3-wire standard serial digital address and
data port.
The output amplifier is capable of sinking and sourcing
5mA, and the output voltage settles to 12-bits in less than
30ms (typ.).
The MP7610 is equipped with a serial data (3-wire
standard) m-processor logic interface to reduce pin count,
package size, and board space.
Built using an advanced linear BiCMOS, these devices
offer rugged solutions that are latch-up free, and take
advantage of EXAR’s patented thin-film resistor process
which exhibits excellent long term stability and reliability.
SIMPLIFIED BLOCK DIAGRAM
VO0
VO7
SDO
VRP
VRN
DAC0
DAC7
VRP
VRN
+
--
+
--
D
Q
XR XE
LAT0
LAT7
D
Q
XR XE
14
14
RST
VRN
VRP
+
--
Tri-State Buffer
XE0 - XE7
4 to 16 Decoder
Not Used
8
LD
14
4
SDI
CLK
LD
LAT
D
Q
EN
LAT
D
Q
EN
A0 to A3
D0 to D13
18-Bit Shift Register
VEE
VEE VCC
VCC AGND AGND VREF DGND DVDD
VRP
XE0
XE7
LD
8


Similar Part No. - MP7610AP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7611 EXAR-MP7611 Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
MP7611AE EXAR-MP7611AE Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
MP7611AP EXAR-MP7611AP Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
MP7611BE EXAR-MP7611BE Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
MP7611BP EXAR-MP7611BP Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
More results

Similar Description - MP7610AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
8-Bit mp-compatible D/A converter
August 31, 1994
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
10-Bit mP-compatible D/A converter
August 31, 1994
logo
fujitsu semiconductor
MB88344 FUJITSU-MB88344 Datasheet
347Kb / 23P
8-Bit D/A Converter with Operational Amplifier Output Buffers
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
Serial Output 5.6us 12-Bit A/D Converter
logo
Exar Corporation
MP7611 EXAR-MP7611 Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
logo
Texas Instruments
ADC0831B TI-ADC0831B Datasheet
151Kb / 9P
A/D PERIPHERALS WITH SERIAL CONTROL
logo
Exar Corporation
MP7613 EXAR-MP7613 Datasheet
219Kb / 16P
Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
logo
Texas Instruments
ADC0834A TI-ADC0834A Datasheet
176Kb / 13P
A/D PERIPHERALS WITH SERIAL CONTROL
logo
Exar Corporation
MP7612 EXAR-MP7612 Datasheet
231Kb / 20P
Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
logo
National Semiconductor ...
DAC1054 NSC-DAC1054 Datasheet
263Kb / 14P
Quad 10-Bit Voltage-Output Serial D/A Converter with Readback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com