Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7610AP Datasheet(PDF) 12 Page - Exar Corporation

Part # MP7610AP
Description  D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7610AP Datasheet(HTML) 12 Page - Exar Corporation

Back Button MP7610AP Datasheet HTML 8Page - Exar Corporation MP7610AP Datasheet HTML 9Page - Exar Corporation MP7610AP Datasheet HTML 10Page - Exar Corporation MP7610AP Datasheet HTML 11Page - Exar Corporation MP7610AP Datasheet HTML 12Page - Exar Corporation MP7610AP Datasheet HTML 13Page - Exar Corporation MP7610AP Datasheet HTML 14Page - Exar Corporation MP7610AP Datasheet HTML 15Page - Exar Corporation MP7610AP Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP7610
12
Rev. 4.01
Graph 3. DAC 0 INL vs. VREF
Graph 4. DAC 0 DNL vs. VREF
Graph 5. DAC 0 Linearity with
VREF = 5 V, VOUT = ¦10
Graph 6. DAC 0 Linearity with
VREF = 4.5 V, VOUT = ¦9
Graph 7. DAC 0 Linearity with
VREF = 4 V, VOUT = ¦8
Graph 8. DAC 0 Linearity with
VREF = 3.5 V, VOUT = ¦7
0
16384
4
--4
CODE
0
16384
4
--4
CODE
0
16384
4
--4
CODE
0
16384
4
--4
CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com