Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7614 Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7614
Description  15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7614 Datasheet(HTML) 4 Page - Exar Corporation

  MP7614 Datasheet HTML 1Page - Exar Corporation MP7614 Datasheet HTML 2Page - Exar Corporation MP7614 Datasheet HTML 3Page - Exar Corporation MP7614 Datasheet HTML 4Page - Exar Corporation MP7614 Datasheet HTML 5Page - Exar Corporation MP7614 Datasheet HTML 6Page - Exar Corporation MP7614 Datasheet HTML 7Page - Exar Corporation MP7614 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP7614
4
Rev. 2.00
ELECTRICAL CHARACTERISTICS (CONT’D)
NOTES:
Specifications are subject to change without notice
1
Full Scale Range (FSR) is 10V for unipolar mode.
2
Guaranteed but not production tested.
3
Digital input levels should not go below ground or exceed the positive supply voltage, otherwise damage may occur.
4
Specified values guarantee functionality. Refer to other parameters for accuracy.
5
Linearity error is degraded by 65
µV for every mV of voltage offset at output amplifier.
6
Output leakage current refers to IOUT1. 1 LSB of current constantly flows into IOUT2 (30nA at 5 kΩ input impedance, VREF = +10 V)
due to ladder termination into IOUT2.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2
VDD to GND
0 to +17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Input Voltage to GND
GND –0.5 to VDD +0.5 V
. . . .
IOUT1, IOUT2 to GND
GND –0.5 to VDD +0.5 V
. . . . . . . . . . .
VREF to GND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VRFB to GND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . . . . . . . .
Lead Temperature (Soldering, 10 seconds)
+300
°C
. . . . . .
Package Power Dissipation Rating to 75
°C
CDIP, PDIP, SOIC
900mW
. . . . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
12mW/
°C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100
µs.
APPLICATION NOTES
Refer to Section 8 for Applications Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com