Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2019 Datasheet (PDF) - Analog Devices

SSM2019 Datasheet PDF - Analog Devices
Part # SSM2019
Download  SSM2019 Download
File Size   277.16 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Self-Contained Audio Preamplifier

SSM2019 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2019 Datasheet PDF - Analog Devices

Part # SSM2019
Download  SSM2019 Click to download

File Size   277.16 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Self-Contained Audio Preamplifier

SSM2019 Datasheet (HTML) - Analog Devices


SSM2019 Product details

GENERAL DESCRIPTION

The SSM2019 is a latest generation audio preamplifier, combining SSM preamplifier design expertise with advanced processing. The result is excellent audio performance from a monolithic

device, requiring only one external gain set resistor or potentiometer. The SSM2019 is further enhanced by its unity gain stability.

Key specifications include ultra-low noise (1.5 dB noise figure) and THD (<0.01% at G = 100), complemented by wide bandwidth and high slew rate.



FEATURES

Excellent Noise Performance: 1.0 nV/Hz or 1.5 dB Noise Figure

Ultra-low THD: < 0.01% @ G = 100 Over the Full Audio Band

Wide Bandwidth: 1 MHz @ G = 100

High Slew Rate: 16 V/s @ G = 10

10 V rms Full-Scale Input, G = 1, VS= 18 V

Unity Gain Stable

True Differential Inputs

Subaudio 1/f Noise Corner

8-Lead PDIP or 16-Lead SOIC

Only One External Component Required

Very Low Cost

Extended Temperature Range: –40C to +85C



APPLICATIONS

Audio Mix Consoles

Intercom/Paging Systems

2-Way Radio

Sonar

Digital Audio Systems




Similar Part No. - SSM2019

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2019 AD-SSM2019 Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
SSM2019 AD-SSM2019 Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
SSM2019 AD-SSM2019 Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
SSM2019BNZ AD-SSM2019BNZ Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
SSM2019BNZ AD-SSM2019BNZ Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
More results


Similar Description - SSM2019

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
Self-Contained Audio Preamplifier
REV.C
logo
List of Unclassifed Man...
AITT-500G ETC2-AITT-500G Datasheet
1Mb / 1P
Thermoelectric Self-contained Current Source
logo
Analog Devices
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
AD612 AD-AD612_15 Datasheet
2Mb / 6P
Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
Self-Contained Audio Preamplifier
REV. B
SSM2019 AD-SSM2019_15 Datasheet
207Kb / 10P
Self-Contained Audio Preamplifier
REV. A
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
Self-Contained Inductor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com