Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2019 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2019
Description  Self-Contained Audio Preamplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2019 Datasheet(HTML) 2 Page - Analog Devices

  SSM2019 Datasheet HTML 1Page - Analog Devices SSM2019 Datasheet HTML 2Page - Analog Devices SSM2019 Datasheet HTML 3Page - Analog Devices SSM2019 Datasheet HTML 4Page - Analog Devices SSM2019 Datasheet HTML 5Page - Analog Devices SSM2019 Datasheet HTML 6Page - Analog Devices SSM2019 Datasheet HTML 7Page - Analog Devices SSM2019 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
SSM2019–SPECIFICATIONS
(VS =
15 V and –40 C
£ TA £ +85 C, unless otherwise noted. Typical specifications
apply at TA = 25 C.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DISTORTION PERFORMANCE
VO = 7 V rms
RL = 2 k
W
Total Harmonic Distortion Plus Noise
THD + N
f = 1 kHz, G = 1000
0.017
%
f = 1 kHz, G = 100
0.0085
%
f = 1 kHz, G = 10
0.0035
%
f = 1 kHz, G = 1
0.005
%
BW = 80 kHz
NOISE PERFORMANCE
Input Referred Voltage Noise Density
en
f = 1 kHz, G = 1000
1.0
nV/
÷Hz
f = 1 kHz, G = 100
1.7
nV/
÷Hz
f = 1 kHz, G = 10
7
nV/
÷Hz
f = 1 kHz, G = 1
50
nV/
÷Hz
Input Current Noise Density
in
f = 1 kHz, G = 1000
2
pA/
÷Hz
DYNAMIC RESPONSE
Slew Rate
SR
G = 10
16
V/
ms
RL = 2 k
W
CL = 100 pF
Small Signal Bandwidth
BW–3 dB
G = 1000
200
kHz
G = 100
1000
kHz
G = 10
1600
kHz
G = 1
2000
kHz
INPUT
Input Offset Voltage
VIOS
0.05
0.25
mV
Input Bias Current
IB
VCM = 0 V
3
10
mA
Input Offset Current
Ios
VCM = 0 V
±0.001 ±1.0
mA
Common-Mode Rejection
CMR
VCM =
±12 V
G = 1000
110
130
dB
G = 100
90
113
dB
G = 10
70
94
dB
G = 1
50
74
dB
Power Supply Rejection
PSR
VS =
±5 V to ±18 V
G = 1000
110
124
dB
G = 100
110
118
dB
G = 10
90
101
dB
G = 1
70
82
dB
Input Voltage Range
IVR
±12
V
Input Resistance
RIN
Differential, G = 1000
1
M
W
G = 1
30
M
W
Common Mode, G = 1000
5.3
M
W
G = 1
7.1
M
W
OUTPUT
Output Voltage Swing
VO
RL = 2 k
W, TA = 25∞C
±13.5
±13.9
V
Output Offset Voltage
VOOS
430
mV
Maximum Capacitive Load Drive
5000
pF
Short Circuit Current Limit
ISC
Output-to-Ground Short
±50
mA
Output Short Circuit Duration
Continuous
sec
GAIN
Gain Accuracy
RG =
10 k
W
TA = 25
∞C
G – 1
RG = 10
W, G = 1000
0.5
0.1
dB
RG = 101
W, G = 100
0.5
0.2
dB
RG = 1.1 k
W, G = 10
0.5
0.2
dB
RG =
, G = 1
0.1
0.2
dB
Maximum Gain
G
70
dB
REFERENCE INPUT
Input Resistance
10
k
W
Voltage Range
±12
V
Gain to Output
1
V/V
POWER SUPPLY
Supply Voltage Range
VS
±5
±18
V
Supply Current
ISY
VCM = 0 V, RL =
±4.6
±7.5
mA
VCM = 0 V, VS =
±18 V, RL =
±4.7
±8.5
mA
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com