Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR28V382 Datasheet (PDF) - Exar Corporation

XR28V382 Datasheet PDF - Exar Corporation
Part # XR28V382
Download  XR28V382 Download
File Size   569.86 Kbytes
Page   39 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3.3V DUAL LPC UART WITH 128-BYTE FIFO

XR28V382 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR28V382 Datasheet PDF - Exar Corporation

Part # XR28V382
Download  XR28V382 Click to download

File Size   569.86 Kbytes
Page   39 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3.3V DUAL LPC UART WITH 128-BYTE FIFO

XR28V382 Datasheet (HTML) - Exar Corporation


XR28V382 Product details

GENERAL DESCRIPTION
The XR28V382 (V382) is a dual Universal Asynchronous Receiver and Transmitter (UART) for the Intel Low Pin Count (LPC) bus interface. This device can replace or supplement a Super I/O device to add additinal serial ports to the system.

FEATURES
• 128 Byte Transmit and Receive FIFO
• Compliant to LPC 1.1 Specifications
• -40°C to +85°C Industrial Temp Operation
• Watchdog Timer with WDTOUT# signal
• 2 independent UART channels
    ■ Programmable I/O mapped base addresses
    ■ Data rates up to 3 Mbps
    ■ Selectable RX FIFO interrupt trigger levels
    ■ Auto RS-485 Half-Duplex Control mode
    ■ Programmable character lengths (5, 6, 7, 8) with even, odd, or no parity
    ■ IrDA mode and separate IRTXA# and IRRXA# pins for the first UART channel
    ■ 9-bit (Multidrop) mode
• External 24MHz/48MHz clock
• Single 3.3V Supply Voltage ( ± 10%)
• 5V tolerant inputs
• 32-QFN package (5mm x 5mm)

APPLICATIONS
• Industrial and Embedded PCs
• Factory Automation and Process Controls
• Network Routers
• System Board Designs




Similar Part No. - XR28V382

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V382IL32-F EXAR-XR28V382IL32-F Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V382IL32F EXAR-XR28V382IL32F Datasheet
164Kb / 1P
Flammability rating of UL 94?륷0
XR28V382IL32TR-F EXAR-XR28V382IL32TR-F Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
More results


Similar Description - XR28V382

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Exar Corporation
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384IM48-0A-EB EXAR-XR28V384IM48-0A-EB Datasheet
511Kb / 42P
XR28V384 3.3V QUAD LPC UART WITH 128-BYTE FIFO
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
Dual UART With 64-Byte FIFO
logo
Exar Corporation
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
3.3V QUAD LPC UART WITH 128-BYTE FIFO
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
TL16C750E UART with 128-Byte FIFO
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com