Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33032 Datasheet (PDF) - Exar Corporation

XR33032 Datasheet PDF - Exar Corporation
Part # XR33032
Download  XR33032 Download
File Size   403.33 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS

XR33032 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR33032 Datasheet PDF - Exar Corporation

Part # XR33032
Download  XR33032 Click to download

File Size   403.33 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS

XR33032 Datasheet (HTML) - Exar Corporation


XR33032 Product details

GENERAL DESCRIPTION
The XR33032/35/38 family of high performance half duplex RS-485 transceivers are optimized to operate over a wide range of supply voltage, from +2.8V to +5.5V. The analog bus pins can withstand direct shorts up to ±18V, and are protected against ESD events up to ±15kV.

FEATURES
● +2.8V to +5.5V Operating Range
● ±18V Fault Tolerance on Analog Bus pins
● Robust ESD (ElectroStatic Discharge) Protection:
    ■ ±15kV IEC 61000-4-2 Air Gap Discharge
    ■ ± 8kV IEC 61000-4-2 Contact Discharge
    ■ ±15kV Human Body Model
    ■ ± 4kV Human Body Model on non-bus pins
● 300µA Idle Current, 40nA Shutdown Current
● Enhanced Receiver Fail-Safe Protection for Open, Shorted, or Terminated but Idle Data Lines
● Hot-Swap Glitch Protection on DE and RE Pins
● Driver Short Circuit Current Limit and Thermal Shutdown for Overload Protection
● 1/8th Unit Load Allows up to 256 Devices on Bus
● Industry Standard 8 NSOIC Half Duplex Package

TYPICAL APPLICATIONS
● Isolated Multipoint RS-485 Data Buses
● Remote Nodes Powered by the Host
● Building Automation and HVAC
● Industrial Process Control Networks
● Remote Utility Meter Reading
● Energy Monitoring and Control




Similar Part No. - XR33032

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33052 EXAR-XR33052 Datasheet
648Kb / 18P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33052 EXAR-XR33052 Datasheet
761Kb / 20P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33052HD-F EXAR-XR33052HD-F Datasheet
648Kb / 18P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33052HDEVB EXAR-XR33052HDEVB Datasheet
648Kb / 18P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33052HDTR-F EXAR-XR33052HDTR-F Datasheet
648Kb / 18P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
More results


Similar Description - XR33032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Analog Devices
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
REV. A
logo
Exar Corporation
XR3070-78X EXAR-XR3070-78X Datasheet
547Kb / 24P
LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com