Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33032 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR33032
Description  WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33032 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR33032 Datasheet HTML 3Page - Exar Corporation XR33032 Datasheet HTML 4Page - Exar Corporation XR33032 Datasheet HTML 5Page - Exar Corporation XR33032 Datasheet HTML 6Page - Exar Corporation XR33032 Datasheet HTML 7Page - Exar Corporation XR33032 Datasheet HTML 8Page - Exar Corporation XR33032 Datasheet HTML 9Page - Exar Corporation XR33032 Datasheet HTML 10Page - Exar Corporation XR33032 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
XR33032/35/38
7
REV. 1.0.0
WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
DRIVER AC CHARACTERISTICS
XR33038 (10Mbps)
tDPLH
Driver Prop. Delay (Low to High)
30
ns
CL = 50pF, RL = 54,
Figure 6
tDPHL
Driver Prop. Delay (High to Low)
30
ns
|t
DPLH-tDPHL|
Differential Driver Output Skew
5
ns
tDR, tDF
Driver Differential Output
Rise or Fall Time
25
ns
Maximum Data Rate
10
Mbps
1/tUI, Duty Cycle 40 to 60%
tDZH
Driver Enable to Output High
50
ns
CL = 50pF, RL = 500,
Figure 7
tDZL
Driver Enable to Output Low
50
ns
tDHZ
Driver Disable from Output High
50
ns
tDLZ
Driver Disable from Output Low
50
ns
tDZH(SHDN)
Driver Enable from Shutdown to
Output High
250
ns
CL = 50pF, RL = 500,
Figure 7
tDZL(SHDN)
Driver Enable from Shutdown to
Output Low
250
ns
tSHDN
Time to Shutdown
50
200
600
ns
Notes 3
RECEIVER AC CHARACTERISTICS
XR33038 (10Mbps)
tRPLH
Receiver Prop. Delay (Low to High)
50
ns
CL = 15pF, VID = ±2V,
VID Rise and Fall times < 15ns
Figure 8
tRPHL
Receiver Prop. Delay (High to Low)
50
ns
|t
RPLH-tRPHL|
Receiver Propagation Delay Skew
5
ns
Maximum Data Rate
10
Mbps
1/tUI, Duty Cycle 40 to 60%
tRZH
Receiver Enable to Output High
50
ns
CL = 15pF, RL = 1k,
Figure 9
tRZL
Receiver Enable to Output Low
50
ns
tRHZ
Receiver Disable from Output High
50
ns
tRLZ
Receiver Disable from Output Low
50
ns
tRZH(SHDN)
Receiver Enable from Shutdown
to Output High
2200
ns
CL = 15pF, RL = 1k,
Figure 9
tRZL(SHDN)
Receiver Enable from Shutdown
to Output Low
2200
ns
tSHDN
Time to Shutdown
50
200
600
ns
Notes 3
Unless otherwise noted: VCC = +2.8V to +5.5V, TA = -40C to +85C. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.TYP.MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com