Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33180 Datasheet (PDF) - Exar Corporation

XR33180 Datasheet PDF - Exar Corporation
Part # XR33180
Download  XR33180 Download
File Size   429.12 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Receivers with 짹15kV ESD Protection

XR33180 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR33180 Datasheet PDF - Exar Corporation

Part # XR33180
Download  XR33180 Click to download

File Size   429.12 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Receivers with 짹15kV ESD Protection

XR33180 Datasheet (HTML) - Exar Corporation




Similar Part No. - XR33180

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33152 EXAR-XR33152 Datasheet
874Kb / 19P
TIA-485/TIA-422 Transceivers
XR33152 EXAR-XR33152 Datasheet
775Kb / 21P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152HD-F EXAR-XR33152HD-F Datasheet
775Kb / 21P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152HDEVB EXAR-XR33152HDEVB Datasheet
775Kb / 21P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152HDTR-F EXAR-XR33152HDTR-F Datasheet
775Kb / 21P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
More results


Similar Description - XR33180

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1284-XXA8T8 STMICROELECTRONICS-ST1284-XXA8T8 Datasheet
144Kb / 7P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
Jul-2002
logo
Linear Technology
LT1780 LINER-LT1780 Datasheet
276Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
May 31, 2006
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
May 31, 2006
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
Oct-2003
logo
Maxim Integrated Produc...
MAX14979E MAXIM-MAX14979E Datasheet
1Mb / 10P
High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
November 4, 2005
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Unisonic Technologies
URCZ1284L-01-SQ8-T UTC-URCZ1284L-01-SQ8-T Datasheet
232Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15KV ESD PROTECTION
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com