Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR3075XID-F Datasheet (PDF) - Exar Corporation

XR3075XID-F Datasheet PDF - Exar Corporation
Part # XR3075XID-F
Download  XR3075XID-F Download
File Size   547.19 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS

XR3075XID-F Datasheet (PDF)

Go To PDF Page Download Datasheet
XR3075XID-F Datasheet PDF - Exar Corporation

Part # XR3075XID-F
Download  XR3075XID-F Click to download

File Size   547.19 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS

XR3075XID-F Datasheet (HTML) - Exar Corporation




Similar Part No. - XR3075XID-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XR3000 ETC2-XR3000 Datasheet
358Kb / 3P
USER FRIENDLY WEB INTERFACE
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3080XED-F EXAR-XR3080XED-F Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3080XID-F EXAR-XR3080XID-F Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3081XED-F EXAR-XR3081XED-F Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
More results


Similar Description - XR3075XID-F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422
January 2004
ISL43485 INTERSIL-ISL43485_05 Datasheet
480Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
March 15, 2005
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Exar Corporation
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com