Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37C669 Datasheet (PDF) - SMSC Corporation

37C669 Datasheet PDF - SMSC Corporation
Part # 37C669
Download  37C669 Download
File Size   621.58 Kbytes
Page   164 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT

37C669 Datasheet (PDF)

Go To PDF Page Download Datasheet
37C669 Datasheet PDF - SMSC Corporation

Part # 37C669
Download  37C669 Click to download

File Size   621.58 Kbytes
Page   164 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT

37C669 Datasheet (HTML) - SMSC Corporation


37C669 Product details

GENERAL DESCRIPTION
The SMSC FDC37C669 PC 95 Compatible Super I/O Floppy Disk Controller with Infrared Support utilizes SMSCs proven SuperCell technology for increased product reliability and functionality. The
FDC37C669 is PC95 compliant and is optimized for motherboard applications. The FDC37C669 supports both 1 Mbps and 2 Mbps data rates and vertical vertical recording operation at 1 Mbps
Data Rate.

FEATURES
• 5 Volt Operation
• Intelligent Auto Power Management
• 16 Bit Address Qualification (Optional)
• 2.88MB Super I/O Floppy Disk Controller
   - Licensed CMOS 765B Floppy Disk Controller
   - Software and Register Compatible with SMSCs Proprietary 82077AA Compatible Core
   - Supports Two Floppy Drives Directly
   - Supports Vertical Recording Format
   - 16 Byte Data FIFO
   - 100% IBM Compatibility
   - Detects All Overrun and Underrun Conditions
   - Sophisticated Power Control Circuitry (PCC) Including Multiple Powerdown Modes for Reduced Power Consumption
   - DMA Enable Logic
   - Data Rate and Drive Control Registers
   - Swap Drives A and B
   - Non-Burst Mode DMA option
   - 48 Base I/O Address, Seven IRQ and Three DMA Options
• Floppy Disk Available on Parallel Port Pins
• Enhanced Digital Data Separator
   - 2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps, 250 Kbps Data Rates
   - Programmable Precompensation Modes
• Serial Ports
   - Two High Speed NS16C550 Compatible UARTs with Send/Receive 16 Byte FIFOs
   - Supports 230k and 460k Baud
   - Programmable Baud Rate Generator
   - Modem Control Circuitry
   - Infrared - IrDA (HPSIR) and Amplitude Shift Keyed IR (ASKIR)
   - Alternate IR Pins (Optional)
   - 96 Base I/O Address and Eight IRQ Options
• Multi-Mode Parallel Port with ChiProtect
   - Standard Mode
   - IBM PC/XT, PC/AT, and PS/2 Compatible Bidirectional Parallel Port
   - Enhanced Parallel Port (EPP) Compatible
   - EPP 1.7 and EPP 1.9 (IEEE 1284 Compliant)
   - Enhanced Capabilities Port (ECP) Compatible (IEEE 1284 Compliant)
   - Incorporates ChiProtect Circuitry for Protection Against Damage Due to Printer Power-On
   - 192 Base I/O Address, Seven IRQ and Three DMA Options
• ISA Host Interface
• IDE Interface (Optional)
   - On-Chip Decode and Select Logic Compatible with IBM PC/XT and PC/AT Embedded Hard Disk Drives
   - 48 Base I/O Address and Seven IRQ Options
• Game Port Select Logic
   - 48 Base I/O Addresses
• General Purpose Address Decoder
   - 16 Byte Block decode
   - 48 Base I/O Address Options
• 100 Pin QFP and TQFP Packages; Lead-Free RoHS Compliant Packages also available




Similar Part No. - 37C669

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
ENHANCED SUPER I/O CONTROLLER WITH FAST IR
37C67X SMSC-37C67X Datasheet
546Kb / 194P
ENHANCED SUPER I/O CONTROLLER WITH FAST IR
More results


Similar Description - 37C669

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
37M602 SMSC-37M602 Datasheet
650Kb / 182P
ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
3.3V Super I/O Controller with Infrared Support for Portable Applications
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com